Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 17 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 17 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 13Page - IXYS Corporation IXDN0036 Datasheet HTML 14Page - IXYS Corporation IXDN0036 Datasheet HTML 15Page - IXYS Corporation IXDN0036 Datasheet HTML 16Page - IXYS Corporation IXDN0036 Datasheet HTML 17Page - IXYS Corporation IXDN0036 Datasheet HTML 18Page - IXYS Corporation IXDN0036 Datasheet HTML 19Page - IXYS Corporation IXDN0036 Datasheet HTML 20Page - IXYS Corporation IXDN0036 Datasheet HTML 21Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Device Design & Application
ATAVRFBKIT / EVLD001 User Guide
5-17
7597A–AVR–02/06
standby mode is desired. Overall power consumption can be reduced by allowing the
microcontroller to enter a low power mode and shut down PFC operation without having
to reboot the microcontroller. Since the R-C combination cannot provide enough power
to sustain microcontroller operation, the microcontroller must stay active running the
PFC section to power itself.
5.5
IXYS IXTP3N50P
PolarHVTM N-
Channel Power
MOSFET
The IXTP3N50P is a 3A 500V general purpose power MOSFET that comes
from the family of IXYS PolarHV MOSFETs. When comparing equivalent die
sizes, PolarHT results in 50% lower RDS(ON), 40% lower RTHJC (thermal resis-
tance, junction to case), and 30% lower Qg (gate charge) enabling a 30% - 40%
die shrink, with the same or better performance verses the 1st generation power
MOSFETs.
Within the ballast demonstrator itself the IXTP3N50 serves two functions. The first of
which is the power switching pair of devices in the half-bridge circuit that drives the
lamps. While a third device serves in the main PFC circuit as the power switch that
drives the PFC inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com