Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDN0036 Datasheet(PDF) 31 Page - IXYS Corporation

Part # IXDN0036
Description  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 Datasheet(HTML) 31 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 27Page - IXYS Corporation IXDN0036 Datasheet HTML 28Page - IXYS Corporation IXDN0036 Datasheet HTML 29Page - IXYS Corporation IXDN0036 Datasheet HTML 30Page - IXYS Corporation IXDN0036 Datasheet HTML 31Page - IXYS Corporation IXDN0036 Datasheet HTML 32Page - IXYS Corporation IXDN0036 Datasheet HTML 33Page - IXYS Corporation IXDN0036 Datasheet HTML 34Page - IXYS Corporation IXDN0036 Datasheet HTML 35Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
ATPWMx Demonstrator Software
6-32
ATAVRFBKIT / EVLD001 User Guide
7597A–AVR–02/06
RUN_MODE
Normal control loop to have the light in accordance with the gv_lamp_preset_current
variable that is permanently updated in the command control state machine in the
Main_pwmx_fluo_demo.c file.
The transition from the RUN_MODE state to the LAMP_OFF state is done in the ADC
state machine during the V_LAMP_CONV or I_LAMP_CONV state in the case the
gv_request_lamp _off has been set by the comm and control task in th e
Main_pwmx_fluo_demo.c file.
TOO_MANY_LAMP_IGNITION_TRIES
If the ignition has failed LAMP_IGNITION_MAX_TRIES, a lamp switch off is requested
by setting the gv_request_lamp_off and the LAMP_OFF state takes effect during the
next I_LAMP_CONV or the V_LAMP_CONV state of the ADC state machine in the
Main_pwmx_fluo_demo.c file.
NO_LAMP
If no lamp is detected during the LAMP_NUMBER_CHECK, a lamp off is requested by
setting the gv_request_lamp_off and the effective return to the LAMP_OFF state takes
place during the next I_LAMP_CONV or the V_LAMP_CONV state of the ADC state
machine in the Main_pwmx_fluo_demo.c file.
6.3.2
Lamp state machine
Global variables
6.3.2.1
Input variables
which have an
impact on the Lamp
state machine
•
The transition from LAMP_OFF to PFC_CONTROL_LOOP is done when the
gv_pfc_state is set to PFC_CONTROL_LOOP in Pfc_ctrl.c file.
• The transition from the RUN_MODE state to the LAMP_OFF state is done in
the ADC machine during the V_LAMP_CONV or I_LAMP_CONV state in the
case gv_request_lamp_off has been set by the command control task in the
Main_pwmx_fluo_demo.c file.
6.3.2.2
Output variables
which can impact
other state machine
•A lamp off (gv_request_lamp_off == 1 ) can be set by the lamp fault mode. The effect
of this request takes place in the I_LAMP_CONV or V_LAMP_CONV in the ADC
state machine in the Main_pwmx_fluo_demo.c file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com