Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 29Page - Analog Devices ADE7880ACPZ Datasheet HTML 30Page - Analog Devices ADE7880ACPZ Datasheet HTML 31Page - Analog Devices ADE7880ACPZ Datasheet HTML 32Page - Analog Devices ADE7880ACPZ Datasheet HTML 33Page - Analog Devices ADE7880ACPZ Datasheet HTML 34Page - Analog Devices ADE7880ACPZ Datasheet HTML 35Page - Analog Devices ADE7880ACPZ Datasheet HTML 36Page - Analog Devices ADE7880ACPZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 33 of 104
256 kHz) for 60 Hz systems. The delays between phase voltages
or phase currents are used to characterize how balanced the
load is. The delays between phase voltages and currents are
used to compute the power factor on each phase as shown in
the following Equation 6:
cosφx = cos
⎥
⎦
⎤
⎢
⎣
⎡
×
×
kHz
256
360
LINE
f
ANGLEx
o
(6)
where fLINE = 50 Hz or 60 Hz.
Period Measurement
The ADE7880 provides the period measurement of the line in
the voltage channel. The period of each phase voltage is
measured and stored in three different registers, APERIOD,
BPERIOD, and CPERIOD. The period registers are 16-bit
unsigned registers and update every line period. Because of the
LPF1 filter (see Figure 50), a settling time of 30 ms to 40 ms is
associated with this filter before the measurement is stable.
The period measurement has a resolution of 3.90625 μs/LSB
(256 kHz clock), which represents 0.0195% (50 Hz/256 kHz)
when the line frequency is 50 Hz and 0.0234% (60 Hz/256 kHz)
when the line frequency is 60 Hz. The value of the period registers
for 50 Hz networks is approximately 5120 (256 kHz/50 Hz) and
for 60 Hz networks is approximately 4267 (256 kHz/60 Hz). The
length of the registers enables the measurement of line frequencies
as low as 3.9 Hz (256 kHz/216). The period registers are stable at
±1 LSB when the line is established and the measurement does
not change.
The following equations can be used to compute the line period
and frequency using the period registers:
[]
sec
3
E
256
:0]
PERIOD[15
T
L =
(7)
]
Hz
[
3
E
256
:0]
PERIOD[15
f
L =
(8)
Phase Voltage Sag Detection
The ADE7880 can be programmed to detect when the absolute
value of any phase voltage drops below or grows above a certain
peak value for a number of half-line cycles. The phase where
this event takes place and the state of the phase voltage relative
to the threshold is identified in Bits[14:12] (VSPHASE[x]) of
the PHSTATUS register. An associated interrupt is triggered
when any phase drops below or grows above a threshold. This
condition is illustrated in Figure 56.
Figure 56 shows Phase A voltage falling below a threshold that
is set in the SAG level register (SAGLVL) for four half-line cycles
(SAGCYC = 4). When Bit 16 (SAG) in the STATUS1 register is set
to 1 to indicate the condition, Bit VSPHASE[0] in the PHSTATUS
register is also set to 1 because the phase A voltage is below
SAGLVL. The microcontroller then writes back STATUS1 register
with Bit 16 (SAG) set to 1 to erase the bit and bring IRQ1 interrupt
pin back high. Then the phase A voltage stays above the SAGLVL
threshold for four half-line cycles (SAGCYC = 4). The Bit 16 (SAG)
in STATUS1 register is set to 1 to indicate the condition and the bit
VSPHASE[0] in the PHSTATUS register is set back to 0.
Bits VSPHASE[1] and VSPHASE[2] relate to the sag events on
Phase B and Phase C in the same way: when Phase B or Phase C
voltage stays below SAGLVL, they are set to 1. When the phase
voltages are above SAGLVL, they are set to 0.
PHASE A VOLTAGE
BIT 16 (SAG) IN
STATUS1[31:0]
VSPHASE[0] =
PHSTATUS[12]
FULL SCALE
SAGLVL[23:0]
SAGCYC[7:0] = 0x4
PHASE B VOLTAGE
VSPHASE[1] =
PHSTATUS[13]
IRQ1 PIN
STATUS1[16] CANCELLED BY
A WRITE TO STATUS1[31:0]
WITH SAG BIT SET
PHSTATUS[12] SET TO 1
BECAUSE PHASE A
VOLTAGE WAS BELOW
SAGLVL FOR SAGCYC
HALF LINE CYCLES
PHSTATUS[12] CLEARED
TO 0 BECAUSE PHASE A
VOLTAGE WAS ABOVE
SAGLVL FOR SAGCYC
HALF LINE CYCLES
STATUS[16] SET TO 1
PHSTATUS[13] SET TO 1
IRQ1 PIN GOES HIGH
BECAUSE STATUS1[16]
CANCELLED BY A WRITE
TO STATUS[31:0] WITH SAG
BIT SET
SAGCYC[7:0] = 0x4
Figure 56. SAG Detection
The SAGCYC register represents the number of half-line cycles
the phase voltage must remain below or above the level indicated
in the SAGLVL register to trigger a SAG interrupt ; 0 is not a
valid number for SAGCYC. For example, when the SAG cycle
(SAGCYC[7:0]) contains 0x07, the SAG flag in the STATUS1
register is set at the end of the seventh half line cycle for which
the line voltage falls below the threshold. If Bit 16 (SAG) in
MASK1 is set, the IRQ1 interrupt pin is driven low in case of a
SAG event in the same moment the Status Bit 16 (SAG) in
STATUS1 register is set to 1. The SAG status bit in the STATUS1
register and the IRQ1 pin is returned to high by writing to the
STATUS1 register with the status bit set to 1.
When the Phase B voltage falls below the indicated threshold
into the SAGLVL register for two line cycles, Bit VSPHASE[1]
in the PHSTATUS register is set to 1 (see Figure 56). Simultane-
ously, Bit 16 (SAG) in the STATUS1 register is set to 1 to indicate
the condition.
Note that the internal zero-crossing counter is always active. By
setting the SAGLVL register, the first SAG detection result is,
therefore, not executed across a full SAGCYC period. Writing to
the SAGCYC register when the SAGLVL register is already initia-
lized resets the zero-crossing counter, thus ensuring that the first
SAG detection result is obtained across a full SAGCYC period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com