Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 4Page - Analog Devices ADE7880ACPZ Datasheet HTML 5Page - Analog Devices ADE7880ACPZ Datasheet HTML 6Page - Analog Devices ADE7880ACPZ Datasheet HTML 7Page - Analog Devices ADE7880ACPZ Datasheet HTML 8Page - Analog Devices ADE7880ACPZ Datasheet HTML 9Page - Analog Devices ADE7880ACPZ Datasheet HTML 10Page - Analog Devices ADE7880ACPZ Datasheet HTML 11Page - Analog Devices ADE7880ACPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 8 of 104
tF
tF
tHD;DAT
tHD;STA
tHIGH
tSU;STA
tSU;DAT
tF
tHD;STA
tSP
tSU;STO
tF
tBUF
tLOW
SDA
SCLK
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
START
CONDITION
Figure 2. I2C-Compatible Interface Timing
Table 3. SPI Interface Timing Parameters
Parameter
Symbol
Min
Max
Unit
SS to SCLK Edge
tSS
50
ns
SCLK Period
0.4
40001
μs
SCLK Low Pulse Width
tSL
175
ns
SCLK High Pulse Width
tSH
175
ns
Data Output Valid After SCLK Edge
tDAV
100
ns
Data Input Setup Time Before SCLK Edge
tDSU
100
ns
Data Input Hold Time After SCLK Edge
tDHD
5
ns
Data Output Fall Time
tDF
20
ns
Data Output Rise Time
tDR
20
ns
SCLK Rise Time
tSR
20
ns
SCLK Fall Time
tSF
20
ns
MISO Disable After SS Rising Edge
tDIS
200
ns
SS High After SCLK Edge
tSFS
0
ns
1 Guaranteed by design.
MSB
LSB
LSB IN
INTERMEDIATE BITS
INTERMEDIATE BITS
tSFS
tDIS
tSS
tSL
tDF
tSH
tDHD
tDAV
tDSU
tSR
tSF
tDR
MSB IN
MOSI
MISO
SCLK
SS
Figure 3. SPI Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com