Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 53 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 53 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 49Page - Analog Devices ADE7880ACPZ Datasheet HTML 50Page - Analog Devices ADE7880ACPZ Datasheet HTML 51Page - Analog Devices ADE7880ACPZ Datasheet HTML 52Page - Analog Devices ADE7880ACPZ Datasheet HTML 53Page - Analog Devices ADE7880ACPZ Datasheet HTML 54Page - Analog Devices ADE7880ACPZ Datasheet HTML 55Page - Analog Devices ADE7880ACPZ Datasheet HTML 56Page - Analog Devices ADE7880ACPZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 53 of 104
ZERO-
CROSSING
DETECTION
(PHASE A)
ZERO-
CROSSING
DETECTION
(PHASE B)
CALIBRATION
CONTROL
ZERO-
CROSSING
DETECTION
(PHASE C)
LINECYC[15:0]
AFVARHR[31:0]
ZXSEL[0] IN
LCYCMODE[7:0]
ZXSEL[1] IN
LCYCMODE[7:0]
ZXSEL[2] IN
LCYCMODE[7:0]
OUTPUT FROM
FUNDAMENTAL REACTIVE
POWER ALGORITHM
APGAIN
AFVAROS
INTERNAL
ACCUMULATOR
THRESHOLD
32-BIT
REGISTER
VARTHR
34
27 26
0
0
Figure 78. Line Cycle Fundamental Reactive Energy Accumulation Mode
Phase A, Phase B, and Phase C zero crossings are, respectively,
included when counting the number of half line cycles by
setting Bits[5:3] (ZXSEL[x]) in the LCYCMODE register. Any
combination of the zero crossings from all three phases can be
used for counting the zero crossing. Select only one phase at a
time for inclusion in the zero-crossings count during calibration.
For details on setting the LINECYC register and the Bit 5
(LENERGY) in the MASK0 interrupt mask register associated
with the line cycle accumulation mode, see the Line Cycle
Active Energy Accumulation Mode section.
APPARENT POWER CALCULATION
Apparent power is defined as the maximum active power that
can be delivered to a load. One way to obtain the apparent
power is by multiplying the voltage rms value by the current
rms value (also called the arithmetic apparent power).
S = V rms × I rms
(40)
where:
S is the apparent power.
V rms and I rms are the rms voltage and current, respectively.
The ADE7880 computes the arithmetic apparent power on each
phase. Figure 79 illustrates the signal processing in each phase
for the calculation of the apparent power in the ADE7880.
Because V rms and I rms contain all harmonic information, the
apparent power computed by the ADE7880 is total apparent
power. The ADE7880 computes fundamental and harmonic
apparent powers determined by the fundamental and harmonic
components of the voltages and currents. See the Harmonics
Calculations section for details.
The ADE7880 stores the instantaneous phase apparent powers
into the AVA, BVA, and CVA registers. Their equation is
4
2
1
×
×
×
=
PMAX
I
I
U
U
xVA
FS
FS
(41)
where:
U, I are the rms values of the phase voltage and current.
UFS, IFS are the rms values of the phase voltage and current when
the ADC inputs are at full scale.
PMAX = 27,059,678, the instantaneous power computed when
the ADC inputs are at full scale and in phase.
The xVA[23:0] waveform registers may be accessed using
various serial ports. Refer to the Waveform Sampling Mode
section for more details.
The ADE7880 can compute the apparent power in an alternative
way by multiplying the phase rms current by an rms voltage
introduced externally. See the Apparent Power Calculation
Using VNOM section for details.
INTERNAL
ACCUMULATOR
THRESHOLD
DIGITAL SIGNAL
PROCESSOR
APGAIN
24
AVA
:
VATHR
34
27 26
0
0
32-BIT REGISTER
AVAHR[31:0]
AIRMS
AVRMS
Figure 79. Apparent Power Data Flow and Apparent Energy Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com