Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 81 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 81 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 77Page - Analog Devices ADE7880ACPZ Datasheet HTML 78Page - Analog Devices ADE7880ACPZ Datasheet HTML 79Page - Analog Devices ADE7880ACPZ Datasheet HTML 80Page - Analog Devices ADE7880ACPZ Datasheet HTML 81Page - Analog Devices ADE7880ACPZ Datasheet HTML 82Page - Analog Devices ADE7880ACPZ Datasheet HTML 83Page - Analog Devices ADE7880ACPZ Datasheet HTML 84Page - Analog Devices ADE7880ACPZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 81 of 104
SILICON ANOMALY
This anomaly list describes the known issues with the ADE7880 silicon identified by the Version register (Address 0xE707) being equal to 1.
Analog Devices, Inc., is committed, through future silicon revisions, to continuously improve silicon functionality. Analog Devices tries
to ensure that these future silicon revisions remain compatible with your present software/systems by implementing the recommended
workarounds outlined here.
ADE7880 FUNCTIONALITY ISSUES
Silicon Revision
Identifier
Chip Marking
Silicon Status
Anomaly Sheet
No. of Reported Issues
Version = 1
ADE7880ACPZ
Preliminary
Rev. A
4 (er001, er002, er003, er004)
FUNCTIONALITY ISSUES
Table 26. LAST_ADD Register Shows Wrong Value for Harmonic Calculations Registers in SPI Mode [er001, Version = 1 Silicon]
Background
When any ADE7880 register is read using SPI or I2C communication, the address is stored in the LAST_ADD register
Issue
When the harmonic calculation registers located between Address 0xE880 and Address 0xE89F are read using SPI
communication, the LAST_ADD register contains the address of the register incremented by 1. The issue is not present if
the I2C communication is used.
Workaround
If the LAST_ADD register is read after one of the registers located between Address 0xE880 and Address 0xE89F was read
using SPI communication, subtract 1 from it to recover the right address.
Related Issues
None.
Table 27. To Obtain Best Accuracy Performance, Internal Setting Must Be Changed [er002, Version = 1 Silicon]
Background
Internal default settings provide best accuracy performance for ADE7880.
Issue
It was found that if a different setting is used, the accuracy performance can be improved.
Workaround
To enable a new setting for this internal register, execute three consecutive write operations:
The first write operation is to an 8-bit location: 0xAD is written to Address 0xE7FE.
The second write operation is to a 16-bit location: 0x3BD is written to Address 0xE90C.
The third write operation is to an 8-bit location: 0x00 is written to Address 0xE7EF.
The write operations must be executed consecutively without any other read/write operation in between. As a
verification that the value was captured correctly, a simple 16-bit read of Address 0xE90C should show the 0x3BD value.
Related Issues
None.
Table 28. High-Pass Filter Cannot be Disabled in Phase C Voltage Data Path [er003, Version = 1 Silicon]
Background
When Bit 0 (HPFEN) of the CONFIG3 register is 0, all high-pass filters (HPF) in the phase and neutral currents and phase
voltages data paths are disabled (see the ADE7880 data sheet for more information about the current channel HPF and
the voltage channel HPF).
Issue
The HPF in the Phase C voltage data path remains enabled independent of the state of Bit HPFEN.
Workaround
There is no workaround.
Related Issues
None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com