Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 7Page - Analog Devices ADE7880ACPZ Datasheet HTML 8Page - Analog Devices ADE7880ACPZ Datasheet HTML 9Page - Analog Devices ADE7880ACPZ Datasheet HTML 10Page - Analog Devices ADE7880ACPZ Datasheet HTML 11Page - Analog Devices ADE7880ACPZ Datasheet HTML 12Page - Analog Devices ADE7880ACPZ Datasheet HTML 13Page - Analog Devices ADE7880ACPZ Datasheet HTML 14Page - Analog Devices ADE7880ACPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 11 of 104
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. CREATE A SIMILAR PAD ON THE PCB UNDER THE
EXPOSED PAD. SOLDER THE EXPOSED PAD TO
THE PAD ON THE PCB TO CONFER MECHANICAL
STRENGTH TO THE PACKAGE. DO NOT CONNECT
THE PADS TO AGND OR DGND.
NC
PM0
PM1
RESET
DVDD
DGND
IAP
IAN
IBP
NC
VAP
AVDD
AGND
VDD
CLKIN
CLKOUT
IRQ0
NC
VBP
NC
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
ADE7880
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 10, 11, 20,
21, 30, 31, 40
NC
No Connect. Do not connect to these pins. These pins are not connected internally.
2
PM0
Power Mode Pin 0. This pin, combined with PM1, defines the power mode of the ADE7880, as
described in Table 8.
3
PM1
Power Mode Pin 1. This pin defines the power mode of the ADE7880 when combined with PM0, as
described in Table 8.
4
RESET
Reset Input, Active Low. In PSM0 mode, this pin should stay low for at least 10 μs to trigger a
hardware reset.
5
DVDD
This pin provides access to the on-chip 2.5 V digital LDO. Do not connect any external active
circuitry to this pin. Decouple this pin with a 4.7 μF capacitor in parallel with a ceramic 220 nF
capacitor.
6
DGND
Ground Reference. This pin provides the ground reference for the digital circuitry.
7, 8
IAP, IAN
Analog Inputs for Current Channel A. This channel is used with the current transducers and is
referenced in this data sheet as Current Channel A. These inputs are fully differential voltage inputs
with a maximum differential level of ±0.5 V. This channel also has an internal PGA equal to the ones
on Channel B and Channel C.
9, 12
IBP, IBN
Analog Inputs for Current Channel B. This channel is used with the current transducers and is
referenced in this data sheet as Current Channel B. These inputs are fully differential voltage inputs
with a maximum differential level of ±0.5 V. This channel also has an internal PGA equal to the ones
on Channel C and Channel A.
13, 14
ICP, ICN
Analog Inputs for Current Channel C. This channel is used with the current transducers and is
referenced in this data sheet as Current Channel C. These inputs are fully differential voltage inputs
with a maximum differential level of ±0.5 V. This channel also has an internal PGA equal to the ones
on Channel A and Channel B.
15, 16
INP, INN
Analog Inputs for Neutral Current Channel N. This channel is used with the current transducers and
is referenced in this data sheet as Current Channel N. These inputs are fully differential voltage
inputs with a maximum differential level of ±0.5 V. This channel also has an internal PGA, different
from the ones found on the A, B, and C channels.
17
REFIN/OUT
This pin provides access to the on-chip voltage reference. The on-chip reference has a nominal
value of 1.2 V. An external reference source with 1.2 V ± 8% can also be connected at this pin. In
either case, decouple this pin to AGND with a 4.7 μF capacitor in parallel with a ceramic 100 nF
capacitor. After reset, the on-chip reference is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com