Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 3 Page - Analog Devices

  ADE7880ACPZ Datasheet HTML 1Page - Analog Devices ADE7880ACPZ Datasheet HTML 2Page - Analog Devices ADE7880ACPZ Datasheet HTML 3Page - Analog Devices ADE7880ACPZ Datasheet HTML 4Page - Analog Devices ADE7880ACPZ Datasheet HTML 5Page - Analog Devices ADE7880ACPZ Datasheet HTML 6Page - Analog Devices ADE7880ACPZ Datasheet HTML 7Page - Analog Devices ADE7880ACPZ Datasheet HTML 8Page - Analog Devices ADE7880ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 3 of 104
FUNCTIONAL BLOCK DIAGRAM
PGA1
PGA1
PGA1
PGA3
PGA3
PGA3
AVGAIN
APHCAL
HPF
NIGAIN
HPFEN OF
CONFIG3
DIGITAL
INTEGRATOR
HPF
AIGAIN
HPF
POR
LDO
LDO
X2
AIRMS
LPF
X2
X2
AVRMS
LPF
LPF
APGAIN
LPF
NIRMS
NIRMSOS
APGAIN
AFVAROS
APGAIN
AFWATTOS
APGAIN
AWATTOS
AVRMSOS
27
AIRMSOS
27
DFC
CF1DEN
:
DFC
CF2DEN
:
DFC
CF3DEN
:
5
24
26
25
17
4
7
8
9
22
12
13
14
19
18
39
37
38
36
32
29
35
34
33
3
2
27
28
23
6
RESET
REFIN/OUT VDD
AGND
AVDD
DVDD
DGND
CLKIN
CLKOUT
IAP
IAN
VAP
IBP
IBN
VBP
ICP
ICN
VCP
VN
PM0
PM1
CF1
CF2/HREADY
CF3/HSCLK
IRQ0
IRQ1
SCLK/SCL
MOSI/SDA
MISO/HSD
SS/HSA
HSDC
I2C
SPI/I2C
ADE7880
ADC
ADC
ADC
ADC
ADC
ADC
PGA2
15
16
INP
INN
ADC
TOTAL/FUNDAMENTAL ACTIVE ENERGIES
FUNDAMENTAL REACTIVE ENERGY
APPARENT ENERGY
VOLTAGE CURRENT RMS
HARMONIC INFORMATION CALCULATION
FOR PHASE B
(SEE PHASE A FOR DETAILED DATA PATH)
TOTAL/FUNDAMENTAL ACTIVE ENERGIES
FUNDAMENTAL REACTIVE ENERGY
APPARENT ENERGY
VOLTAGE/CURRENT RMS
HARMONIC INFORMATION CALCULATION
FOR PHASE C
(SEE PHASE A FOR DETAILED DATA PATH)
COMPUTATIONAL BLOCK FOR HARMONIC
INFORMATION ON NEUTRAL CURRENT
DIGITAL SIGNAL
PROCESSOR
COMPUTATIONAL
BLOCK FOR
HARMONIC
INFORMATION ON
PHASE A CURRENT
AND VOLTAGE
COMPUTATIONAL
BLOCK FOR
FUNDAMENTAL
ACTIVE AND
REACTIVE POWER
PHASE A,
PHASE B,
AND
PHASE C
DATA
HPFEN OF
CONFIG3
HPFEN OF
CONFIG3
DIGITAL
INTEGRATOR
1.2V
REF
Figure 1. ADE7880 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com