Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 68 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 68 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 64Page - Analog Devices ADE7880ACPZ Datasheet HTML 65Page - Analog Devices ADE7880ACPZ Datasheet HTML 66Page - Analog Devices ADE7880ACPZ Datasheet HTML 67Page - Analog Devices ADE7880ACPZ Datasheet HTML 68Page - Analog Devices ADE7880ACPZ Datasheet HTML 69Page - Analog Devices ADE7880ACPZ Datasheet HTML 70Page - Analog Devices ADE7880ACPZ Datasheet HTML 71Page - Analog Devices ADE7880ACPZ Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 68 of 104
converter. In this mode, the CFx pulses synchronize perfectly
with the active energy accumulated in xWATTHR registers because
the powers are accumulated in the same way in both data paths.
Figure 92 shows how absolute active power accumulation works.
NEG
POS
POS
APNOLOAD
SIGN = POSITIVE
NEG
NO-LOAD
THRESHOLD
ACTIVE POWER
NO-LOAD
THRESHOLD
ACTIVE ENERGY
REVAPx BIT
IN STATUS0
xWSIGN BIT
IN PHSIGN
Figure 91. Active Power Positive Only Accumulation Mode
Bits[3:2] (VARACC[1:0]) in the ACCMODE register determine the
accumulation modes of the fundamental reactive powers when
signals proportional to the fundamental reactive powers are
chosen at the CFx pins (the CFxSEL[2:0] bits in the CFMODE
register equal 100). When VARACC[1:0] = 00, the default value,
the fundamental reactive powers are sign accumulated in the
var-hour energy registers and before entering the energy-to-
frequency converter. Figure 93 shows how signed fundamental
reactive power accumulation works. In this mode, the CFx
pulses synchronize perfectly with the fundamental reactive
energy accumulated in the xFVARHR registers because the
powers are sign accumulated in both data paths.
VARACC[1:0] = 01 setting is reserved and ADE7880 behaves
identically to the case when VARACC[1:0] = 00.
When VARACC[1:0] = 10, the fundamental reactive powers are
accumulated depending on the sign of the corresponding active
power in the var-hour energy registers and before entering the
energy-to-frequency converter. If the fundamental active power
is positive or considered 0 when lower than the no load threshold,
the fundamental reactive power is accumulated as is. If the
fundamental active power is negative, the sign of the fundamental
reactive power is changed for accumulation. Figure 94 shows how
the sign adjusted fundamental reactive power accumulation
mode works. In this mode, the CFx pulses synchronize perfectly
with the fundamental reactive energy accumulated in xFVARHR
registers because the powers are accumulated in the same way in
both data paths.
NEG
POS
POS
APNOLOAD
SIGN = POSITIVE
NEG
NO-LOAD
THRESHOLD
ACTIVE POWER
NO-LOAD
THRESHOLD
ACTIVE ENERGY
REVAPx BIT
IN STATUS0
xWSIGN BIT
IN PHSIGN
Figure 92. Active Power Absolute Accumulation Mode
NEG
POS
POS
VARNOLOAD
SIGN = POSITIVE
NEG
NO-LOAD
THRESHOLD
REACTIVE
POWER
NO-LOAD
THRESHOLD
REACTIVE
ENERGY
REVRPx BIT
IN STATUS0
xVARSIGN BIT
IN PHSIGN
Figure 93. Fundamental Reactive Power Signed Accumulation Mode
When VARACC[1:0] = 11, the fundamental reactive powers are
accumulated in absolute mode. When the powers are negative,
they change sign and accumulate together with the positive
power in the var-hour registers. CFx pulses are generated based
on signed accumulation mode. In this mode, the CFx pulses do
not synchronize perfectly with the fundamental reactive energy
accumulated in x VARHR registers because the powers are
accumulated differently in each data path. Figure 95 shows how
absolute fundamental reactive power accumulation works.
Sign of Sum-of-Phase Powers in the CFx Datapath
The ADE7880 has sign detection circuitry for the sum of phase
powers that are used in the CFx data path. As seen in the
beginning of the Energy-to-Frequency Conversion section, the
energy accumulation in the CFx data path is executed in two
stages. Every time a sign change is detected in the energy
accumulation at the end of the first stage, that is, after the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com