Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 61 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 61 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 57Page - Analog Devices ADE7880ACPZ Datasheet HTML 58Page - Analog Devices ADE7880ACPZ Datasheet HTML 59Page - Analog Devices ADE7880ACPZ Datasheet HTML 60Page - Analog Devices ADE7880ACPZ Datasheet HTML 61Page - Analog Devices ADE7880ACPZ Datasheet HTML 62Page - Analog Devices ADE7880ACPZ Datasheet HTML 63Page - Analog Devices ADE7880ACPZ Datasheet HTML 64Page - Analog Devices ADE7880ACPZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 61 of 104
AIRMSOS
27
BIRMSOS
27
CIRMSOS
27
HPHASE BITS
HCONFIG[2, 1] SELECT THE
PHASE BEING MONITORED
AVRMSOS
27
BVRMSOS
27
CVRMSOS
27
HPHASE BITS
HCONFIG[2, 1] SELECT THE
PHASE BEING MONITORED
FIRMS
HPHASE BITS
HCONFIG[2, 1] SELECT THE
GAIN BEING USED
APGAIN OR
BPGAIN OR
CPGAIN
FVA
FVRMS
Figure 83. Fundamental RMS Signal Processing
The active, reactive, and apparent powers of the fundamental
component are stored into the FWATT, FVAR, and FVA 24-bit
signed registers. Figure 85 presents the associated data path.
The active, reactive and apparent powers of the 3 harmonic
components are stored into the HXWATT, HXVAR, HXVA,
HYWATT, HYVAR, HYVA, HZWATT, HZVAR, and HZVA
24-bit signed registers. Figure 86 presents the associated data path.
The power factor of the fundamental component is stored into
FPF 24-bit signed register. The power factors of the three
harmonic components are stored into the HXPF, HYPF, and
HZPF 24-bit signed registers.
The total harmonic distortion ratios computed using the rms of
the fundamental components and the rms of the phase current
and the phase voltage (see Root Mean Square Chapter for
details about these measurements) are stored into the VTHD
and ITHD 24-bit registers in 3.21 signed format. This means
the ratios are limited to +3.9999 and all greater results are
clamped to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com