Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 96 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 96 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 92Page - Analog Devices ADE7880ACPZ Datasheet HTML 93Page - Analog Devices ADE7880ACPZ Datasheet HTML 94Page - Analog Devices ADE7880ACPZ Datasheet HTML 95Page - Analog Devices ADE7880ACPZ Datasheet HTML 96Page - Analog Devices ADE7880ACPZ Datasheet HTML 97Page - Analog Devices ADE7880ACPZ Datasheet HTML 98Page - Analog Devices ADE7880ACPZ Datasheet HTML 99Page - Analog Devices ADE7880ACPZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
ADE7880
Data Sheet
Rev. A| Page 96 of 104
Table 43. Gain Register (Address 0xE60F)
Bit
Mnemonic
Default Value
Description
Phase currents gain selection.
000: gain = 1.
001: gain = 2.
010: gain = 4.
011: gain = 8.
100: gain = 16.
2:0
PGA1[2:0]
000
101, 110, 111: reserved. When set, the ADE7880 behaves like PGA1[2:0] =
000.
5:3
PGA2[2:0]
000
Neutral current gain selection.
000: gain = 1.
001: gain = 2.
010: gain = 4.
011: gain = 8.
100: gain = 16.
101, 110, 111: reserved. When set, the ADE7880 behaves like PGA2[2:0] =
000.
Phase voltages gain selection.
000: gain = 1.
001: gain = 2.
010: gain = 4.
011: gain = 8.
100: gain = 16.
8:6
PGA3[2:0]
000
101, 110, 111: reserved. When set, the ADE7880 behaves like PGA3[2:0] =
000.
15:9
Reserved
000 0000
Reserved. These bits do not manage any functionality.
Table 44. CFMODE Register (Address 0xE610)
Bit
Mnemonic
Default Value
Description
000: the CF1 frequency is proportional to the sum of total active powers on
each phase identified by Bits[2:0] (TERMSEL1[x]) in the COMPMODE register.
010: the CF1 frequency is proportional to the sum of apparent powers on
each phase identified by Bits[2:0] (TERMSEL1[x]) in the COMPMODE register.
011: the CF1 frequency is proportional to the sum of fundamental active
powers on each phase identified by Bits[2:0] (TERMSEL1[x]) in the
COMPMODE register.
100: the CF1 frequency is proportional to the sum of fundamental reactive
powers on each phase identified by Bits[2:0] (TERMSEL1[x]) in the
COMPMODE register.
2:0
CF1SEL[2:0]
000
001, 101, 110, 111: reserved.
000: the CF2 frequency is proportional to the sum of total active powers on
each phase identified by Bits[5:3] (TERMSEL2[x]) in the COMPMODE register.
010: the CF2 frequency is proportional to the sum of apparent powers on
each phase identified by Bits[5:3] (TERMSEL2[x]) in the COMPMODE register.
011: the CF2 frequency is proportional to the sum of fundamental active
powers on each phase identified by Bits[5:3] (TERMSEL2[x]) in the
COMPMODE register.
100: the CF2 frequency is proportional to the sum of fundamental reactive
powers on each phase identified by Bits[5:3] (TERMSEL2[x]) in the
COMPMODE register.
5:3
CF2SEL[2:0]
100
001, 101,110,111: reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com