Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 22Page - Analog Devices ADE7880ACPZ Datasheet HTML 23Page - Analog Devices ADE7880ACPZ Datasheet HTML 24Page - Analog Devices ADE7880ACPZ Datasheet HTML 25Page - Analog Devices ADE7880ACPZ Datasheet HTML 26Page - Analog Devices ADE7880ACPZ Datasheet HTML 27Page - Analog Devices ADE7880ACPZ Datasheet HTML 28Page - Analog Devices ADE7880ACPZ Datasheet HTML 29Page - Analog Devices ADE7880ACPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 26 of 104
The Σ-Δ converter uses two techniques to achieve high resolu-
tion from what is essentially a 1-bit conversion technique. The
first is oversampling. Oversampling means that the signal is
sampled at a rate (frequency) that is many times higher than
the bandwidth of interest. For example, the sampling rate in
the ADE7880 is 1.024 MHz, and the bandwidth of interest is
40 Hz to 3.3 kHz. Oversampling has the effect of spreading the
quantization noise (noise due to sampling) over a wider
bandwidth. With the noise spread more thinly over a wider
bandwidth, the quantization noise in the band of interest is
lowered, as shown in Figure 39. However, oversampling alone is
not efficient enough to improve the signal-to-noise ratio (SNR)
in the band of interest. For example, an oversampling factor of 4 is
required just to increase the SNR by a mere 6 dB (1 bit). To keep
the oversampling ratio at a reasonable level, it is possible to
shape the quantization noise so that the majority of the noise
lies at the higher frequencies. In the Σ-Δ modulator, the noise is
shaped by the integrator, which has a high-pass-type response
for the quantization noise. This is the second technique used to
achieve high resolution. The result is that most of the noise is at
the higher frequencies where it can be removed by the digital
low-pass filter. This noise shaping is shown in Figure 39.
NOISE
SIGNAL
NOISE
SIGNAL
03.3 4
512
FREQUENCY (kHz)
HIGH RESOLUTION
OUTPUT FROM
DIGITAL LPF
1024
03.3 4
512
FREQUENCY (kHz)
1024
DIGITAL FILTER
SHAPED NOISE
ANTIALIAS FILTER
(RC)
SAMPLING
FREQUENCY
Figure 39. Noise Reduction Due to Oversampling and
Noise Shaping in the Analog Modulator
Antialiasing Filter
Figure 38 also shows an analog low-pass filter (RC) on the input
to the ADC. This filter is placed outside the ADE7880, and its role
is to prevent aliasing. Aliasing is an artifact of all sampled systems
as shown in Figure 40. Aliasing means that frequency components
in the input signal to the ADC, which are higher than half the
sampling rate of the ADC, appear in the sampled signal at a
frequency below half the sampling rate. Frequency components
above half the sampling frequency (also known as the Nyquist
frequency, that is, 512 kHz) are imaged or folded back down
below 512 kHz. This happens with all ADCs regardless of the
architecture. In the example shown, only frequencies near the
sampling frequency, that is, 1.024 MHz, move into the band of
interest for metering, that is, 40 Hz to 3.3 kHz. To attenuate the
high frequency (near 1.024 MHz) noise and prevent the distortion
of the band of interest, a low-pass filter (LPF) must be introduced.
For conventional current sensors, it is recommended to use one
RC filter with a corner frequency of 5 kHz for the attenuation to
be sufficiently high at the sampling frequency of 1.024 MHz.
The 20 dB per decade attenuation of this filter is usually
sufficient to eliminate the effects of aliasing for conventional
current sensors. However, for a di/dt sensor such as a Rogowski
coil, the sensor has a 20 dB per decade gain. This neutralizes the
20 dB per decade attenuation produced by the LPF. Therefore,
when using a di/dt sensor, take care to offset the 20 dB per
decade gain. One simple approach is to cascade one additional
RC filter, thereby producing a −40 dB per decade attenuation.
ALIASING EFFECTS
SAMPLING
FREQUENCY
IMAGE
FREQUENCIES
0
3.3
4
512
FREQUENCY (kHz)
1024
Figure 40. Aliasing Effects
ADC Transfer Function
All ADCs in the ADE7880 are designed to produce the same
24-bit signed output code for the same input signal level. With a
full-scale input signal of 0.5 V and an internal reference of 1.2 V,
the ADC output code is nominally 5,326,737 (0x514791) and
usually varies for each ADE7880 around this value. The code
from the ADC can vary between 0x800000 (−8,388,608) and
0x7FFFFF (+8,388,607); this is equivalent to an input signal
level of ±0.787 V. However, for specified performance, do not
exceed the nominal range of ±0.5 V; ADC performance is
guaranteed only for input signals lower than ±0.5 V.
CURRENT CHANNEL ADC
Figure 41 shows the ADC and signal processing path for Input
IA of the current channels (it is the same for IB and IC). The
ADC outputs are signed twos complement 24-bit data-words
and are available at a rate of 8 kSPS (thousand samples per
second). With the specified full-scale analog input signal
of ±0.5V, the ADC produces its maximum output code value.
Figure 41 shows a full-scale voltage signal applied to the differ-
ential inputs (IAP and IAN). The ADC output swings between
−5,326,737 (0xAEB86F) and +5,326,737 (0x514791). Note that
these are nominal values and every ADE7880 varies around
these values. The input, IN, corresponds to the neutral current
of a 3-phase system. If no neutral line is present, connect this
input to AGND. The datapath of the neutral current is similar
to the path of the phase currents as shown in Figure 42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com