Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 66 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 66 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 62Page - Analog Devices ADE7880ACPZ Datasheet HTML 63Page - Analog Devices ADE7880ACPZ Datasheet HTML 64Page - Analog Devices ADE7880ACPZ Datasheet HTML 65Page - Analog Devices ADE7880ACPZ Datasheet HTML 66Page - Analog Devices ADE7880ACPZ Datasheet HTML 67Page - Analog Devices ADE7880ACPZ Datasheet HTML 68Page - Analog Devices ADE7880ACPZ Datasheet HTML 69Page - Analog Devices ADE7880ACPZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 66 of 104
By default, the TERMSELx bits are all 1 and the CF1SEL bits are
000, the CF2SEL bits are 100, and the CF3SEL bits are 010. This
means that by default, the CF1 digital-to-frequency converter
produces signals proportional to the sum of all 3-phase total
active powers, CF2 produces signals proportional to fundamental
reactive powers, and CF3 produces signals proportional to
apparent powers.
Similar to the energy accumulation process, the energy-to-
frequency conversion is accomplished in two stages. The first
stage is the same stage illustrated in the energy accumulation
sections of active, reactive and apparent powers (see Active
Energy Calculation, Fundamental Reactive Energy Calculation,
Apparent Energy Calculation sections). The second stage
consists of the frequency divider by the CFxDEN 16-bit
unsigned registers. The values of CFxDEN depend on the meter
constant (MC), measured in impulses/kWh and how much
energy is assigned to one LSB of various energy registers:
xWATTHR, xFVARHR, and so forth. Suppose a derivative of
Wh [10n Wh] where n is a positive or negative integer, is desired
as one LSB of xWATTHR register. Then, CFxDEN is as follows:
n
MC
CFxDEN
10
]
imp/kwh
[
10
3
×
=
(49)
The derivative of wh must be chosen in such a way to obtain a
CFxDEN register content greater than 1. If CFxDEN = 1, then
the CFx pin stays active low for only 1 μs. Thus, CFxDEN
register should not be set to 1. The frequency converter cannot
accommodate fractional results; the result of the division must be
rounded to the nearest integer. If CFxDEN is set equal to 0, then
the ADE7880 considers it to be equal to 1.
The CFx pulse output stays low for 80 ms if the pulse period is
larger than 160 ms (6.25 Hz). If the pulse period is smaller than
160 ms and CFxDEN is an even number, the duty cycle of the
pulse output is exactly 50%. If the pulse period is smaller than
160 ms and CFxDEN is an odd number, the duty cycle of the
pulse output is
(1+1/CFxDEN) × 50%
INTERNAL
ACCUMULATOR
THRESHOLD
27
WTHR
34
27 26
0
0
CFxDEN
FREQ DIVIDER
REVPSUMx BIT OF
STATUS0[31:0]
CFx PULSE
OUTPUT
VA
WATT
FWATT
FVAR
CFxSEL BITS IN
CFMODE
TERMSELx BITS IN
COMPMODE
27
INSTANTANEOUS
PHASE A
ACTIVE POWER
INSTANTANEOUS
PHASE B
ACTIVE POWER
INSTANTANEOUS
PHASE C
ACTIVE POWER
DIGITAL SIGNAL
PROCESSOR
Figure 87. Energy-to-Frequency Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com