Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 48Page - Analog Devices ADE7880ACPZ Datasheet HTML 49Page - Analog Devices ADE7880ACPZ Datasheet HTML 50Page - Analog Devices ADE7880ACPZ Datasheet HTML 51Page - Analog Devices ADE7880ACPZ Datasheet HTML 52Page - Analog Devices ADE7880ACPZ Datasheet HTML 53Page - Analog Devices ADE7880ACPZ Datasheet HTML 54Page - Analog Devices ADE7880ACPZ Datasheet HTML 55Page - Analog Devices ADE7880ACPZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 52 of 104
On the ADE7880, the fundamental phase reactive powers are
accumulated in the AFVARHR, BFVARHR, and CFVARHR 32-
bit signed registers. The reactive energy register content can roll
over to full-scale negative (0x80000000) and continue increasing in
value when the reactive power is positive. Conversely, if the reactive
power is negative, the energy register underflows to full-scale
positive (0x7FFFFFFF) and continues to decrease in value.
The ADE7880 provides a status flag to signal when one of the
xFVARHR registers is half full. Bit 3 (FREHF) in the STATUS0
register is set when Bit 30 of one of the xFVARHR registers
changes, signifying one of these registers is half full. If the reactive
power is positive, the var-hour register becomes half full when it
increments from 0x3FFF FFFF to 0x4000 0000. If the reactive
power is negative, the var-hour register becomes half full when it
decrements from 0xC000 0000 to 0xBFFF FFFF.
Setting Bit3 in the MASK0 register enables the FREHF
interrupt. If enabled, the IRQ0 pin is set low and the status bit
is set to 1 whenever one of the energy registers, xFVARHR,
becomes half full. The status bit is cleared and the IRQ0 pin is
set to high by writing to the STATUS0 register with the
corresponding bit set to 1.
Setting Bit 6 (RSTREAD) of the LCYCMODE register enables a
read-with-reset for all var-hour accumulation registers, that is,
the registers are reset to 0 after a read operation.
Integration Time Under Steady Load
The discrete time sample period (T) for the accumulation register
is 976.5625 ns (1.024 MHz frequency). With full-scale
sinusoidal signals on the analog inputs and a 90° phase difference
between the voltage and the current signal (the largest possible
reactive power), the average word value representing the reactive
power is PMAX = 27,059,678 = 0x19CE5DE. If the VARTHR
threshold is set at 3, its minimum recommended value, the first
stage accumulator generates a pulse that is added to var-hour
registers every
sec
531
.
14
10
024
.
1
2
3
6
27
μ
=
×
×
×
PMAX
The maximum value that can be stored in the var-hour
accumulation register before it overflows is 231 − 1 or
0x7FFFFFFF. The integration time is calculated as
Time = 0x7FFF,FFFF × 14.531 μs = 8 hr 40 min 6 sec
(39)
Energy Accumulation Modes
The fundamental reactive power accumulated in each var-hour
accumulation 32-bit register (AFVARHR, BFVARHR, and
CFVARHR) depends on the configuration of Bits[5:4]
(CONSEL[1:0]) in the ACCMODE register, in correlation with
the watt-hour registers. The different configurations are
described in Table 18. Note that IA’/IB’/IC’ are the phase-
shifted current waveforms.
Table 18. Inputs to Var-Hour Accumulation Registers
CONSEL[1:0]
AFVARHR
BFVARHR
CFVARHR
00
VA × IA’
VB × IB’
VC × IC’
01
VA × IA’
VB × IB’
VB = VA − VC1
VC × IC’
10
VA × IA’
VB × IB’
VC x IC’
VB = −VA − VC
11
VA × IA’
VB × IB’
VC × IC’
VB = −VA
1 In a 3-phase three wire case (CONSEL[1:0] = 01), the ADE7880 computes the
rms value of the line voltage between phases A and C and stores the result
into BVRMS register (see the Voltage RMS in 3-Phase Three Wire Delta
Configurations section). Consequently, the ADE7880 computes powers
associated with Phase B that do not have physical meaning. To avoid any
errors in the frequency output pins (CF1, CF2, or CF3) related to the powers
associated with Phase B, disable the contribution of Phase B to the energy to
frequency converters by setting bits TERMSEL1[1] or TERMSEL2[1] or
TERMSEL3[1] to 0 in COMPMODE register (see the Energy-to-Frequency
Conversion section).
Bits[3:2] (VARACC[1:0]) in the ACCMODE register determine
how the reactive power is accumulated in the var-hour registers
and how the CF frequency output can be generated function of
total and fundamental active and reactive powers. See the Energy-
to-Frequency Conversion section for details.
Line Cycle Reactive Energy Accumulation Mode
As mentioned in the Line Cycle Active Energy Accumulation
Mode section, in line cycle energy accumulation mode, the
energy accumulation can be synchronized to the voltage
channel zero crossings so that reactive energy can be
accumulated over an integral number of half line cycles.
In this mode, the ADE7880 transfers the reactive energy
accumulated in the 32-bit internal accumulation registers into
the xFVARHR registers after an integral number of line cycles,
as shown in Figure 78. The number of half line cycles is
specified in the LINECYC register.
The line cycle reactive energy accumulation mode is activated by
setting Bit 1 (LVAR) in the LCYCMODE register. The
fundamental reactive energy accumulated over an integer
number of half line cycles or zero crossings is available in the var-
hour accumulation registers after the number of zero crossings
specified in the LINECYC register is detected. When using the
line cycle accumulation mode, Bit 6 (RSTREAD) of the
LCYCMODE register should be set to Logic 0 because a read
with the reset of var-hour registers is not available in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com