Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 83 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 83 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 79Page - Analog Devices ADE7880ACPZ Datasheet HTML 80Page - Analog Devices ADE7880ACPZ Datasheet HTML 81Page - Analog Devices ADE7880ACPZ Datasheet HTML 82Page - Analog Devices ADE7880ACPZ Datasheet HTML 83Page - Analog Devices ADE7880ACPZ Datasheet HTML 84Page - Analog Devices ADE7880ACPZ Datasheet HTML 85Page - Analog Devices ADE7880ACPZ Datasheet HTML 86Page - Analog Devices ADE7880ACPZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 83 of 104
REGISTERS LIST
Table 30. Registers Located in DSP Data Memory RAM
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication2
Type 3
Default Value
Description
0x4380
AIGAIN
R/W
24
32 ZPSE
S
0x000000
Phase A current gain adjust.
0x4381
AVGAIN
R/W
24
32 ZPSE
S
0x000000
Phase A voltage gain adjust.
0x4382
BIGAIN
R/W
24
32 ZPSE
S
0x000000
Phase B current gain adjust.
0x4383
BVGAIN
R/W
24
32 ZPSE
S
0x000000
Phase B voltage gain adjust.
0x4384
CIGAIN
R/W
24
32 ZPSE
S
0x000000
Phase C current gain adjust.
0x4385
CVGAIN
R/W
24
32 ZPSE
S
0x000000
Phase C voltage gain adjust.
0x4386
NIGAIN
R/W
24
32 ZPSE
S
0x000000
Neutral current gain adjust.
0x4387
Reserved
R/W
24
32 ZPSE
S
0x000000
This location should not be written for proper
operation.
0x4388
DICOEFF
R/W
24
32 ZPSE
S
0x0000000
Register used in the digital integrator algorithm.
If the integrator is turned on, it must be set at
0xFF8000. In practice, it is transmitted as
0xFFF8000.
0x4389
APGAIN
R/W
24
32 ZPSE
S
0x000000
Phase A power gain adjust.
0x438A
AWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase A total active power offset adjust.
0x438B
BPGAIN
R/W
24
32 ZPSE
S
0x000000
Phase B power gain adjust.
0x438C
BWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase B total active power offset adjust.
0x438D
CPGAIN
R/W
24
32 ZPSE
S
0x000000
Phase C power gain adjust.
0x438E
CWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase C total active power offset adjust.
0x438F
AIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase A current rms offset.
0x4390
AVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase A voltage rms offset.
0x4391
BIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase B current rms offset.
0x4392
BVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase B voltage rms offset.
0x4393
CIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase C current rms offset.
0x4394
CVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase C voltage rms offset.
0x4395
NIRMSOS
R/W
24
32 ZPSE
S
0x000000
Neutral current rms offset.
0x4396-
0x4397
Reserved
N/A
N/A
N/A
N/A
0x000000
These memory locations should not be written for
proper operation.
0x4398
HPGAIN
R/W
24
32 ZPSE
S
0x000000
Harmonic powers gain adjust.
0x4399
ISUMLVL
R/W
24
32 ZPSE
S
0x000000
Threshold used in comparison between the sum
of phase currents and the neutral current.
0x439A-
0x439E
Reserved
N/A
N/A
N/A
N/A
0x000000
These memory locations should not be written for
proper operation.
0x439F
VLEVEL
R/W
24
32 ZPSE
S
0x000000
Register used in the algorithm that computes the
fundamental active and reactive powers.
0x43A0-
0x43A1
Reserved
N/A
N/A
N/A
N/A
0x000000
These memory locations should not be written for
proper operation.
0x43A2
AFWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase A fundamental active power offset adjust.
0x43A3
BFWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase B fundamental active power offset adjust.
0x43A4
CFWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase C fundamental active power offset adjust.
0x43A5
AFVAROS
R/W
24
32 ZPSE
S
0x000000
Phase A fundamental reactive power offset adjust.
0x43A6
BFVAROS
R/W
24
32 ZPSE
S
0x000000
Phase B fundamental reactive power offset adjust.
0x43A7
CFVAROS
R/W
24
32 ZPSE
S
0x000000
Phase C fundamental reactive power offset adjust.
0x43A8
AFIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase A fundamental current rms offset.
0x43A9
BFIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase B fundamental current rms offset.
0x43AA
CFIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase C fundamental current rms offset.
0x43AB
AFVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase A fundamental voltage rms offset.
0x43AC
BFVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase B fundamental voltage rms offset.
0x43AD
CFVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase C fundamental voltage rms offset.
0x43AE
HXWATTOS
R/W
24
32 ZPSE
S
0x000000
Active power offset adjust on harmonic X
(see
Harmonics Calculations section for details).
0x43AF
HYWATTOS
R/W
24
32 ZPSE
S
0x000000
Aactive power offset adjust on harmonic Y
(see
Harmonics Calculations section for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com