Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 94 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 94 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 90Page - Analog Devices ADE7880ACPZ Datasheet HTML 91Page - Analog Devices ADE7880ACPZ Datasheet HTML 92Page - Analog Devices ADE7880ACPZ Datasheet HTML 93Page - Analog Devices ADE7880ACPZ Datasheet HTML 94Page - Analog Devices ADE7880ACPZ Datasheet HTML 95Page - Analog Devices ADE7880ACPZ Datasheet HTML 96Page - Analog Devices ADE7880ACPZ Datasheet HTML 97Page - Analog Devices ADE7880ACPZ Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 104 page
background image
ADE7880
Data Sheet
Rev. A| Page 94 of 104
Bit
Mnemonic
Default Value
Description
20
MISMTCH
0
When this bit is set to 1, it enables an interrupt
when
ISUMLVL
INWV
ISUM
>
−
is greater than the value indicated in
ISUMLVL register.
22:21
Reserved
00
Reserved. These bits do not manage any functionality.
23
PKI
0
When this bit is set to 1, it enables an interrupt when the period used to detect the
peak value in the current channel has ended.
24
PKV
0
When this bit is set to 1, it enables an interrupt when the period used to detect the
peak value in the voltage channel has ended.
25
CRC
0
When this bit is set to 1, it enables an interrupt when the latest checksum value is
different from the checksum value computed when Run register was set to 1.
31:26
Reserved
000 0000
Reserved. These bits do not manage any functionality.
Table 40. PHSTATUS Register (Address 0xE600)
Bit
Mnemonic
Default Value
Description
2:0
Reserved
000
Reserved. These bits are always 0.
3
OIPHASE[0]
0
When this bit is set to 1, Phase A current generates Bit 17 (OI) in the STATUS1 register.
4
OIPHASE[1]
0
When this bit is set to 1, Phase B current generates Bit 17 (OI) in the STATUS1 register.
5
OIPHASE[2]
0
When this bit is set to 1, Phase C current generates Bit 17 (OI) in the STATUS1 register.
8:6
Reserved
000
Reserved. These bits are always 0.
9
OVPHASE[0]
0
When this bit is set to 1, Phase A voltage generates Bit 18 (OV) in the STATUS1 register.
10
OVPHASE[1]
0
When this bit is set to 1, Phase B voltage generates Bit 18 (OV) in the STATUS1 register.
11
OVPHASE[2]
0
When this bit is set to 1, Phase C voltage generates Bit 18 (OV) in the STATUS1 register.
12
VSPHASE[0]
0
0: Phase A voltage is above SAGLVL level for SAGCYC half line cycles
1: Phase A voltage is below SAGLVL level for SAGCYC half line cycles
When this bit is switches from 0 to 1 or from 1 to 0, the Phase A voltage generates Bit 16
(SAG) in the STATUS1 register.
13
VSPHASE[1]
0
0: Phase B voltage is above SAGLVL level for SAGCYC half line cycles
1: Phase B voltage is below SAGLVL level for SAGCYC half line cycles
When this bit is switches from 0 to 1 or from 1 to 0, the Phase B voltage generates Bit 16
(SAG) in the STATUS1 register.
14
VSPHASE[2]
0
0: Phase C voltage is above SAGLVL level for SAGCYC half line cycles
1: Phase C voltage is below SAGLVL level for SAGCYC half line cycles
When this bit is switches from 0 to 1 or from 1 to 0, the Phase C voltage generates Bit 16
(SAG) in the STATUS1 register.
15
Reserved
0
Reserved. This bit is always 0.
Table 41. PHNOLOAD Register (Address 0xE608)
Bit
Mnemonic
Default Value
Description
0
NLPHASE[0]
0
0: Phase A is out of no load condition determined by the Phase A total active power and
apparent power.
1: Phase A is in no load condition determined by phase A total active power and apparent
power. Bit set together with Bit 0 (NLOAD) in the STATUS1 register.
1
NLPHASE[1]
0
0: Phase B is out of no load condition determined by the Phase B total active power and
apparent power.
1: Phase B is in no load condition determined by the Phase B total active power and
apparent power. Bit set together with Bit 0 (NLOAD) in the STATUS1 register.
2
NLPHASE[2]
0
0: Phase C is out of no load condition determined by the Phase C total active power and
apparent power.
1: Phase C is in no load condition determined by the Phase C total active power and
apparent power. Bit set together with Bit 0 (NLOAD) in the STATUS1 register.
3
FNLPHASE[0]
0
0: Phase A is out of no load condition based on fundamental active/reactive powers.
1: Phase A is in no load condition based on fundamental active/reactive powers. This bit is
set together with Bit 1 (FNLOAD) in STATUS1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com