Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 6Page - Analog Devices ADE7880ACPZ Datasheet HTML 7Page - Analog Devices ADE7880ACPZ Datasheet HTML 8Page - Analog Devices ADE7880ACPZ Datasheet HTML 9Page - Analog Devices ADE7880ACPZ Datasheet HTML 10Page - Analog Devices ADE7880ACPZ Datasheet HTML 11Page - Analog Devices ADE7880ACPZ Datasheet HTML 12Page - Analog Devices ADE7880ACPZ Datasheet HTML 13Page - Analog Devices ADE7880ACPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 10 of 104
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter1
Rating
VDD to AGND
−0.3 V to +3.7 V
VDD to DGND
−0.3 V to +3.7 V
Analog Input Voltage to AGND, IAP, IAN,
IBP, IBN, ICP, ICN, VAP, VBP, VCP, VN
−2 V to +2 V
Analog Input Voltage to INP and INN
−2 V to +2 V
Reference Input Voltage to AGND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDD + 0.3 V
Operating Temperature
Industrial Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
1 Regarding the temperature profile used in soldering RoHS Compliant Parts,
Analog Devices, Inc. advises that reflow profiles should conform to J-STD 20
from JEDEC. Refer to JEDEC website for the latest revision.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified equal to 29.3°C/W; θJC is specified equal to
1.8°C/W.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
40-Lead LFCSP
29.3
1.8
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com