Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 69 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 69 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 65Page - Analog Devices ADE7880ACPZ Datasheet HTML 66Page - Analog Devices ADE7880ACPZ Datasheet HTML 67Page - Analog Devices ADE7880ACPZ Datasheet HTML 68Page - Analog Devices ADE7880ACPZ Datasheet HTML 69Page - Analog Devices ADE7880ACPZ Datasheet HTML 70Page - Analog Devices ADE7880ACPZ Datasheet HTML 71Page - Analog Devices ADE7880ACPZ Datasheet HTML 72Page - Analog Devices ADE7880ACPZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 69 of 104
energy accumulated into the accumulator reaches one of the
WTHR, VARTHR, or VATHR thresholds, a dedicated interrupt
can be triggered synchronously with the corresponding CFx
pulse. The sign of each sum can be read in the PHSIGN register.
POS
POS
VARNOLOAD
SIGN = POSITIVE
NEG
NO-LOAD
THRESHOLD
NO-LOAD
THRESHOLD
NO-LOAD
THRESHOLD
REACTIVE
POWER
ACTIVE
POWER
REACTIVE
ENERGY
REVRPx BIT
IN STATUS0
xVARSIGN BIT
IN PHSIGN
Figure 94. Fundamental Reactive Power Accumulation in Sign
Adjusted Mode
NEG
POS
POS
VARNOLOAD
SIGN = POSITIVE
NEG
NO-LOAD
THRESHOLD
REACTIVE POWER
NO-LOAD
THRESHOLD
REACTIVE ENERGY
REVAPx BIT
IN STATUS0
xVARSIGN BIT
IN PHSIGN
Figure 95. Fundamental Reactive Power Accumulation in Absolute Mode
Bit 18, Bit 13, and Bit 9 (REVPSUM3, REVPSUM2, and
REVPSUM1, respectively) of the STATUS0 register are set
to 1 when a sign change of the sum of powers in CF3, CF2,
or CF1 data paths occurs. To correlate these events with the
pulses generated at the CFx pins, after a sign change occurs,
Bit REVPSUM3, Bit REVPSUM2, and Bit REVPSUM1 are set
in the same moment in which a high-to-low transition at the
CF3, CF2, and CF1 pin, respectively, occurs.
Bit 8, Bit 7, and Bit 3 (SUM3SIGN, SUM2SIGN, and SUM1SIGN,
respectively) of the PHSIGN register are set in the same moment
with Bit REVPSUM3, Bit REVPSUM2, and Bit EVPSUM1 and
indicate the sign of the sum of phase powers. When cleared to
0, the sum is positive. When set to 1, the sum is negative.
Interrupts attached to Bit 18, Bit 13, and Bit 9 (REVPSUM3,
REVPSUM2, and REVPSUM1, respectively) in the STATUS0
register are enabled by setting Bit 18, Bit 13, and Bit 9 in the
MASK0 register. If enabled, the IRQ0 pin is set low, and the
status bit is set to 1 whenever a change of sign occurs. To find
the phase that triggered the interrupt, the PHSIGN register is
read immediately after reading the STATUS0 register. Next, the
status bit is cleared, and the IRQ0 pin is set high again by writing
to the STATUS0 register with the corresponding bit set to 1.
NO LOAD CONDITION
The no load condition is defined in metering equipment standards
as occurring when the voltage is applied to the meter and no cur-
rent flows in the current circuit. To eliminate any creep effects in
the meter, the ADE7880 contains three separate no load
detection circuits: one related to the total active power, one
related to the fundamental active and reactive powers, and one
related to the apparent powers.
No Load Detection Based On Total Active Power and
Apparent Power
This no load condition uses the total active energy and the
apparent energy to trigger this no load condition. The apparent
energy is proportional to the rms values of the corresponding
phase current and voltage. If neither total active energy nor
apparent energy are accumulated for a time indicated in the
respective APNOLOAD and VANOLOAD unsigned 16-bit
registers, the no load condition is triggered, the total active
energy of that phase is not accumulated and no CFx pulses are
generated based on the total active energy.
The equations used to compute the APNOLOAD and
VANOLOAD unsigned 16-bit values are
PMAX
WTHR
Y
APNOLOAD
17
16
2
2
×
×
−
=
PMAX
VATHR
Y
VANOLOAD
17
16
2
2
×
×
−
=
(50)
where:
Y is the required no load current threshold computed relative to
full scale. For example, if the no load threshold current is set
10,000 times lower than full scale value, then Y = 10,000.
WTHR and VATHR represent values stored in the WTHR and
VATHR registers and are used as the thresholds in the first stage
energy accumulators for active and apparent energy, respectively
(see Active Energy Calculation section). PMAX = 27,059,678 =
0x19CE5DE, the instantaneous active power computed when
the ADC inputs are at full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com