Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 98 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 98 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 94Page - Analog Devices ADE7880ACPZ Datasheet HTML 95Page - Analog Devices ADE7880ACPZ Datasheet HTML 96Page - Analog Devices ADE7880ACPZ Datasheet HTML 97Page - Analog Devices ADE7880ACPZ Datasheet HTML 98Page - Analog Devices ADE7880ACPZ Datasheet HTML 99Page - Analog Devices ADE7880ACPZ Datasheet HTML 100Page - Analog Devices ADE7880ACPZ Datasheet HTML 101Page - Analog Devices ADE7880ACPZ Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 104 page
background image
ADE7880
Data Sheet
Rev. A| Page 98 of 104
Bit
Mnemonic
Default Value
Description
3
SUM1SIGN
0
0: if the sum of all phase powers in the CF1 data path is positive.
1: if the sum of all phase powers in the CF1 data path is negative. Phase powers in the CF1
data path are identified by Bits[2:0] (TERMSEL1[x]) of the COMPMODE register and by
Bits[2:0] (CF1SEL[x]) of the CFMODE register.
4
AFVARSIGN
0
0: if the fundamental reactive power on Phase A is positive.
1: if the fundamental reactive power on Phase A is negative.
5
BFVARSIGN
0
0: if the fundamental reactive power on Phase B is positive.
1: if the fundamental reactive power on Phase B is negative.
6
CFVARSIGN
0
0: if the fundamental reactive power on Phase C is positive.
1: if the fundamental reactive power on Phase C is negative.
7
SUM2SIGN
0
0: if the sum of all phase powers in the CF2 data path is positive.
1: if the sum of all phase powers in the CF2 data path is negative. Phase powers in the CF2
data path are identified by Bits[5:3] (TERMSEL2[x]) of the COMPMODE register and by
Bits[5:3] (CF2SEL[x]) of the CFMODE register.
8
SUM3SIGN
0
0: if the sum of all phase powers in the CF3 data path is positive.
1: if the sum of all phase powers in the CF3 data path is negative. Phase powers in the CF3
data path are identified by Bits[8:6] (TERMSEL3[x]) of the COMPMODE register and by
Bits[8:6] (CF3SEL[x]) of the CFMODE register.
15:9
Reserved
000 0000
Reserved. These bits are always 0.
Table 47. CONFIG Register (Address 0xE618)
Bit
Mnemonic
Default Value
Description
0
INTEN
0
This bit manages the integrators in the phase current channels.
If INTEN=0, then the integrators in the phase current channels are always disabled.
If INTEN=1, then the integrators in the phase currents channels are enabled.
The neutral current channel integrator is managed by Bit 3 (ININTEN ) of CONFIG3 register.
1
Reserved
1
Reserved. This bit should be maintained at 1 for proper operation.
2
CF2DIS
0
When this bit is cleared to 0, the CF2 functionality is chosen at CF2/HREADY pin.
When this bit is set to 1, the HREADY functionality is chosen at CF2/HREADY pin.
3
SWAP
0
When this bit is set to 1, the voltage channel outputs are swapped with the current channel
outputs. Thus, the current channel information is present in the voltage channel registers
and vice versa.
4
MOD1SHORT
0
When this bit is set to 1, the voltage channel ADCs behave as if the voltage inputs were put
to ground.
5
MOD2SHORT
0
When this bit is set to 1, the current channel ADCs behave as if the voltage inputs were put
to ground.
6
HSDCEN
0
When this bit is set to 1, the HSDC serial port is enabled and HSCLK functionality is chosen at
CF3/HSCLK pin.
When this bit is cleared to 0, HSDC is disabled and CF3 functionality is chosen at CF3/HSCLK pin.
7
SWRST
0
When this bit is set to 1, a software reset is initiated.
These bits decide what phase voltage is considered together with Phase A current in the
power path.
00 = Phase A voltage.
01 = Phase B voltage.
10 = Phase C voltage.
9:8
VTOIA[1:0]
00
11 = reserved. When set, the ADE7880 behaves like VTOIA[1:0] = 00.
These bits decide what phase voltage is considered together with Phase B current in the
power path.
00 = Phase B voltage.
01 = Phase C voltage.
10 = Phase A voltage.
11:10
VTOIB[1:0]
00
11 = reserved. When set, the ADE7880 behaves like VTOIB[1:0] = 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com