Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 102 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 102 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 96Page - Analog Devices ADE7880ACPZ Datasheet HTML 97Page - Analog Devices ADE7880ACPZ Datasheet HTML 98Page - Analog Devices ADE7880ACPZ Datasheet HTML 99Page - Analog Devices ADE7880ACPZ Datasheet HTML 100Page - Analog Devices ADE7880ACPZ Datasheet HTML 101Page - Analog Devices ADE7880ACPZ Datasheet HTML 102Page - Analog Devices ADE7880ACPZ Datasheet HTML 103Page - Analog Devices ADE7880ACPZ Datasheet HTML 104Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 102 / 104 page
background image
ADE7880
Data Sheet
Rev. A| Page 102 of 104
Table 54. HCONFIG Register (Address 0xE900)
Bit
Mnemonic
Default Value
Description
0
HRCFG
0
When this bit is cleared to 0, the bit 19 (HREADY) interrupt in MASK0 register is triggered
after a certain delay period. The delay period is set by bits HSTIME. The update frequency
after the settling time is determined by bits HRATE.
When this bit is set to 1, the bit 19 (HREADY) interrupt in MASK0 register is triggered starting
immediately after the harmonic calculations block has been setup. The update frequency is
determined by bits HRATE.
2:1
HPHASE
00
These bits decide what phase or neutral is analyzed by the harmonic calculations block.
00 = Phase A voltage and current.
01 = Phase B voltage and current.
10 = Phase C voltage and current.
11 = neutral current.
4:3
HSTIME
01
These bits decide the delay period after which, if HRCFG bit is set to 1, bit 19 (HREADY)
interrupt in MASK0 register is triggered.
00 = 500 ms.
01 = 750 ms.
10 = 1000 ms.
11 = 1250 ms.
7:5
HRATE
000
These bits manage the update rate of the harmonic registers.
000 = 125 μsec (8 kHz rate).
001 = 250 μsec (4 kHz rate).
010 = 1 ms (1 kHz rate).
011 = 16 ms (62.5 Hz rate).
100 = 128 ms (7.8125 Hz rate).
101 = 512 ms (1.953125 Hz rate).
110 = 1.024 sec (0.9765625 Hz rate).
111 = harmonic calculations disabled.
9:8
ACTPHSEL
00
These bits select the phase voltage used as time base for harmonic calculations.
00 = Phase A voltage.
01 = Phase B voltage.
10 = Phase C voltage.
11 = reserved. If selected, phase C voltage is used.
15:10
Reserved
0
Reserved. These bits do not manage any functionality.
Table 55. LPOILVL Register (Address 0xEC00)
Bit
Mnemonic
Default Value
Description
2:0
LPOIL[2:0]
111
Threshold is put at a value corresponding to full scale multiplied by LPOIL/8.
7:3
LPLINE[4:0]
00000
The measurement period is (LPLINE + 1)/50 seconds.
Table 56. CONFIG2 Register (Address 0xEC01)
Bit
Mnemonic
Default Value
Description
0
EXTREFEN
0
When this bit is 0, it signifies that the internal voltage reference is used in the ADCs.
When this bit is 1, an external reference is connected to the Pin 17 REFIN/OUT.
1
I2C_LOCK
0
When this bit is 0, the SS/HSA pin can be toggled three times to activate the SPI port. If I2C is the
active serial port, this bit must be set to 1 to lock it in. From this moment on, toggling of the SS
/HSA pin and an eventual switch into using the SPI port is no longer possible. If SPI is the active serial
port, any write to CONFIG2 register locks the port. From this moment on, a switch into using I2C
port is no longer possible. Once locked, the serial port choice is maintained when the
changes PSMx power modes.
ADE7880
7:2
Reserved
0
Reserved. These bits do not manage any functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com