Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 101 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 101 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 96Page - Analog Devices ADE7880ACPZ Datasheet HTML 97Page - Analog Devices ADE7880ACPZ Datasheet HTML 98Page - Analog Devices ADE7880ACPZ Datasheet HTML 99Page - Analog Devices ADE7880ACPZ Datasheet HTML 100Page - Analog Devices ADE7880ACPZ Datasheet HTML 101Page - Analog Devices ADE7880ACPZ Datasheet HTML 102Page - Analog Devices ADE7880ACPZ Datasheet HTML 103Page - Analog Devices ADE7880ACPZ Datasheet HTML 104Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 101 / 104 page
background image
Data Sheet
ADE7880
Rev. A| Page 101 of 104
Bit
Mnemonic
Default Value
Description
7
PFMODE
0
0: power factor calculation uses instantaneous values of various phase powers used in its
expression.
1: power factor calculation uses phase energies values calculated using line cycle accumulation
mode. Bits LWATT and LVA in LCYCMODE register must be enabled for the power factors to be
computed correctly. The update rate of the power factor measurement in this case is the integral
number of half line cycles that are programmed into the LINECYC register.
Table 52. HSDC_CFG Register (Address 0xE706)
Bit
Mnemonic
Default Value
Description
0
HCLK
0
0: HSCLK is 8 MHz.
1: HSCLK is 4 MHz.
1
HSIZE
0
0: HSDC transmits the 32-bit registers in 32-bit packages, most significant bit first.
1: HSDC transmits the 32-bit registers in 8-bit packages, most significant bit first.
2
HGAP
0
0: no gap is introduced between packages.
1: a gap of seven HCLK cycles is introduced between packages.
4:3
HXFER[1:0]
00
00 = HSDC transmits sixteen 32-bit words in the following order: IAWV, VAWV, IBWV, VBWV, ICWV,
VCWV, INWV, AVA, BVA, CVA, AWATT, BWATT, CWATT, AFVAR, BFVAR, and CFVAR.
01 = HSDC transmits seven instantaneous values of currents and voltages: IAWV, VAWV,
IBWV, VBWV, ICWV, VCWV, and INWV.
10 = HSDC transmits nine instantaneous values of phase powers: AVA, BVA, CVA, AWATT,
BWATT, CWATT, AFVAR, BFVAR, and CFVAR.
11 = reserved. If set, the ADE7880 behaves as if HXFER[1:0] = 00.
5
HSAPOL
0
0: SS/has output pin is active low.
1: SS/HSA output pin is active high.
7:6
Reserved
00
Reserved. These bits do not manage any functionality.
Table 53. CONFIG3 Register (Address 0xEA00)
Bit
Mnemonic
Default Value
Description
0
HPFEN
1
When HPFEN = 1, then all high-pass filters in voltage and current channels are enabled.
When HPFEN = 0, then all high-pass filters are disabled.
1
LPFSEL
0
When LPFSEL = 0, the LPF in the total active power data path introduces a settling time of
650 ms.
When LPFSEL = 1, the LPF in the total active power data path introduces a settling time of
1300 ms.
2
INSEL
0
When INSEL = 0, the register NIRMS contains the rms value of the neutral current.
When INSEL = 1, the register NIRMS contains the rms value of ISUM, the instantaneous value
of the sum of all 3 phase currents, IA, IB, and IC.
3
ININTEN
0
This bit manages the integrator in the neutral current channel.
If ININTEN = 0, then the integrator in the neutral current channel is disabled.
If ININTDIS = 1, then the integrator in the neutral channel is enabled.
The integrators in the phase currents channels are managed by Bit 0 (INTEN) of CONFIG
register.
4
Reserved
0
Reserved. This bit should be maintained at 0 for proper operation.
7:5
Reserved
000
Reserved. These bits do not manage any functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com