Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 3Page - Analog Devices ADE7880ACPZ Datasheet HTML 4Page - Analog Devices ADE7880ACPZ Datasheet HTML 5Page - Analog Devices ADE7880ACPZ Datasheet HTML 6Page - Analog Devices ADE7880ACPZ Datasheet HTML 7Page - Analog Devices ADE7880ACPZ Datasheet HTML 8Page - Analog Devices ADE7880ACPZ Datasheet HTML 9Page - Analog Devices ADE7880ACPZ Datasheet HTML 10Page - Analog Devices ADE7880ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 7 of 104
Parameter1, 2
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
For specified performance
PSM0 Mode
VDD Pin
2.97
3.63
V
Minimum = 3.3 V − 10%; maximum =
3.3 V + 10%
IDD
25
28
mA
PSM1 and PSM2 Modes
VDD Pin
2.4
3.7
V
IDD
PSM1 Mode
5.3
5.8
mA
PSM2 Mode
0.2
0.27
mA
PSM3 Mode
For specified performance
VDD Pin
2.4
3.7
V
IDD in PSM3 Mode
1.8
6
μA
1 See the Typical Performance Characteristics section.
2 See the Terminology section for a definition of the parameters.
3
⎥
⎦
⎤
⎢
⎣
⎡
L
f
2800
means the whole number of the division.
4 The CLKIN/CLKOUT load capacitors refer to the capacitors that are mounted between the CLKIN and CLKOUT pins of the ADE7880 and AGND. The capacitors should
be chosen based on the crystal manufacturer’s data sheet specification, and they must not have more than the maximum value specified in the table.
TIMING CHARACTERISTICS
VDD = 3.3 V ± 10%, AGND = DGND = 0 V, on-chip reference, CLKIN = 16.384 MHz, TMIN to TMAX = −40°C to +85°C. Note that dual
function pin names are referenced by the relevant function only within the timing tables and diagrams (see the Pin Configuration and
Function Descriptions section for full pin mnemonics and descriptions).
Table 2. I2C-Compatible Interface Timing Parameter
Standard Mode
Fast Mode
Parameter
Symbol
Min
Max
Min
Max
Unit
SCL Clock Frequency
fSCL
0
100
0
400
kHz
Hold Time (Repeated) Start Condition
tHD;STA
4.0
0.6
μs
Low Period of SCL Clock
tLOW
4.7
1.3
μs
High Period of SCL Clock
tHIGH
4.0
0.6
μs
Set-Up Time for Repeated Start Condition
tSU;STA
4.7
0.6
μs
Data Hold Time
tHD;DAT
0
3.45
0
0.9
μs
Data Setup Time
tSU;DAT
250
100
ns
Rise Time of Both SDA and SCL Signals
tR
1000
20
300
ns
Fall Time of Both SDA and SCL Signals
tF
300
20
300
ns
Setup Time for Stop Condition
tSU;STO
4.0
0.6
μs
Bus Free Time Between a Stop and Start Condition
tBUF
4.7
1.3
μs
Pulse Width of Suppressed Spikes
tSP
N/A1
50
ns
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com