Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880ACPZ Datasheet(PDF) 89 Page - Analog Devices

Part # ADE7880ACPZ
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880ACPZ Datasheet(HTML) 89 Page - Analog Devices

Back Button ADE7880ACPZ Datasheet HTML 85Page - Analog Devices ADE7880ACPZ Datasheet HTML 86Page - Analog Devices ADE7880ACPZ Datasheet HTML 87Page - Analog Devices ADE7880ACPZ Datasheet HTML 88Page - Analog Devices ADE7880ACPZ Datasheet HTML 89Page - Analog Devices ADE7880ACPZ Datasheet HTML 90Page - Analog Devices ADE7880ACPZ Datasheet HTML 91Page - Analog Devices ADE7880ACPZ Datasheet HTML 92Page - Analog Devices ADE7880ACPZ Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 89 of 104
Address
Register Name
R/W1
Bit
Length
Bit Length
During
Communication2
Type3
Default
Value4
Description
computations.
0xEA0B to
0xEBFE
Reserved
8
8
Reserved. These registers are always 0.
0xEBFF
Reserved
8
8
This address can be used in manipulating
the SS/HSA pin when SPI is chosen as
the active port. See the
section for details.
Serial Interfaces
0xEC00
LPOILVL
R/W
8
8
U
0x07
Overcurrent threshold used during
PSM2 mode. See Table 55 in which the
register is detailed.
0xEC01
CONFIG2
R/W
8
8
U
0x00
Configuration register used during
PSM1 mode. See Table 56.
1 R is read, and W is write.
2 32 ZP = 24- or 20-bit signed or unsigned register that is transmitted as a 32-bit word with 8 or 12 MSBs, respectively, padded with 0s. 32 SE = 24-bit signed register that
is transmitted as a 32-bit word sign extended to 32 bits. 16 ZP = 10-bit unsigned register that is transmitted as a 16-bit word with six MSBs padded with 0s.
3 U is unsigned register, and S is signed register in twos complement format.
4 N/A is not applicable.
Table 34. IPEAK Register (Address 0xE500)
Bit
Mnemonic
Default Value
Description
23:0
IPEAKVAL[23:0]
0
These bits contain the peak value determined in the current channel.
24
IPPHASE[0]
0
When this bit is set to 1, Phase A current generated IPEAKVAL[23:0] value.
25
IPPHASE[1]
0
When this bit is set to 1, Phase B current generated IPEAKVAL[23:0] value.
26
IPPHASE[2]
0
When this bit is set to 1, Phase C current generated IPEAKVAL[23:0] value.
31:27
00000
These bits are always 0.
Table 35. VPEAK Register (Address 0xE501)
Bit
Mnemonic
Default Value
Description
23:0
VPEAKVAL[23:0]
0
These bits contain the peak value determined in the voltage channel.
24
VPPHASE[0]
0
When this bit is set to 1, Phase A voltage generated VPEAKVAL[23:0] value.
25
VPPHASE[1]
0
When this bit is set to 1, Phase B voltage generated VPEAKVAL[23:0] value.
26
VPPHASE[2]
0
When this bit is set to 1, Phase C voltage generated VPEAKVAL[23:0] value.
31:27
00000
These bits are always 0.
Table 36. STATUS0 Register (Address 0xE502)
Bit
Mnemonic
Default Value
Description
0
AEHF
0
When this bit is set to 1, it indicates that Bit 30 of any one of the total active energy
registers (AWATTHR, BWATTHR, or CWATTHR) has changed.
1
FAEHF
0
When this bit is set to 1, it indicates that Bit 30 of any one of the fundamental active
energy registers, FWATTHR, BFWATTHR, or CFWATTHR, has changed.
2
Reserved
0
This bit is always 0.
3
FREHF
0
When this bit is set to 1, it indicates that Bit 30 of any one of the fundamental
reactive energy registers, AFVARHR, BFVARHR, or CFVARHR, has changed.
4
VAEHF
0
When this bit is set to 1, it indicates that Bit 30 of any one of the apparent energy
registers (AVAHR, BVAHR, or CVAHR) has changed.
5
LENERGY
0
When this bit is set to 1, in line energy accumulation mode, it indicates the end of an
integration over an integer number of half line cycles set in the LINECYC register.
6
REVAPA
0
When this bit is set to 1, it indicates that the Phase A active power identified by Bit 6
(REVAPSEL) in the ACCMODE register (total or fundamental) has changed sign. The
sign itself is indicated in Bit 0 (AWSIGN) of the PHSIGN register (see Table 46).
7
REVAPB
0
When this bit is set to 1, it indicates that the Phase B active power identified by Bit 6
(REVAPSEL) in the ACCMODE register (total or fundamental) has changed sign. The
sign itself is indicated in Bit 1 (BWSIGN) of the PHSIGN register (see Table 46).
8
REVAPC
0
When this bit is set to 1, it indicates that the Phase C active power identified by Bit 6
(REVAPSEL) in the ACCMODE register (total or fundamental) has changed sign. The
sign itself is indicated in Bit 2 (CWSIGN) of the PHSIGN register (see Table 46).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com