Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA685X Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
3
MMA685x
Internal Block Diagram
Figure 3. Block Diagram
ΣΔ
Converter
Oscillator
8 MHz
1 MHz
Regulator
Digital
X-Axis g-Cell
Over-Damped
SINC Filter
Compensation
Low-Pass Filter
Cancellation
Offset
ARM_X
VREGA
VREG
Monitoring
Clock
V
REGA
VREG
V
CC
IIR
VPP
VCC
VREG
VSS
VREGA
VSSA
ARM
CS
SCLK
MOSI
MISO
Odd Register
Array
Generation
Clock CRC
I/O
SPI
Mismatch
SPI
Even Register
Array
Verification
Clock & bias
Generator
SPI
Odd
Register
SPI
Even
Register
OTP
Array
Memory
Analog
Regulator
Self
Test
Voltage
Monitoring
Linear
Interpolation
Output
Scaling
Offset
Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com