Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
13
MMA685x
3.1.4
Part Number Register (PN)
The part number register is a one time programmable, read only register which contains two digits of the device part number
to identify the axis and range information. The contents of this register have no impact on device operation or performance.
3.1.5
Device Control Register (DEVCTL)
The device control register is a read-write register which contains device control operations that can be applied during both
initialization and normal operation.
3.1.5.1
Reset Control (RES_1, RES_0)
A series of three consecutive register write operations to the reset control bits in the DEVCTL register will cause a device reset.
To reset the internal digital circuitry, the following register write operations must be performed in the order shown below. The reg-
ister write operations must be consecutive SPI commands in the order shown or the device will not be reset.
The response to the Register Write returns ‘0’ for RES_1 and RES_0. A Register Read of RES_1 and RES_0 returns ‘0’ and
terminates the reset sequence.
3.1.5.2
Reserved Bits (DEVCTL[5:0])
Bits 5 through 0 of the DEVCTL register are reserved. A write to the reserved bits must always be logic ‘0’ for normal device
operation and performance.
Table 6. Part Number Register
Location
Bit
Address
Register
7
6543210
$08
PN
PN[7]
PN[6]
PN[5]
PN[4]
PN[3]
PN[2]
PN[1]
PN[0]
PN Register Value
Range
Reference Section 2.4
Decimal
HEX
51
$33
20
52
$34
35
53
$35
50
54
$36
75
55
$37
100
56
$38
60
Table 7. Device Control Register
Location
Bit
Address
Register
7
6543210
$0A
DEVCTL
RES_1
RES_0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reset Value
0
0000000
Register Write to DEVCTL
RES_1
RES_0
Effect
SPI Register Write 1
0
0
No Effect
SPI Register Write 2
1
1
No Effect
SPI Register Write 3
0
1
Device RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com