Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Sensors
40
Freescale Semiconductor, Inc.
MMA685x
3.9
Serial Peripheral Interface
MMA685x includes a Serial Peripheral Interface (SPI) to provide access to the configuration registers and digital data. Refer-
ence Section 4 for details regarding the SPI protocol and available commands.
3.10
Device Initialization
Following power-up, under-voltage reset, or a SPI reset command sequence, MMA685x proceeds through an internal initial-
ization process as shown in Figure 31. Figure 31 also shows the MMA685x performance for an example external system level
initialization procedure.
Figure 31. Initialization Process
Dly
POR
OTP Copy to
Mirror Registers
Offset Cancellation
Startup Phase 2
Initialize R/W
Registers to
Desired State
Verify
Offset
Verify
Self Test &
ARM Asserted
Offset Cancellation
Startup Phase 1
Offset Cancellation
Startup Phase 3
Offset Cancellation
Normal Mode
Ready for SPI
Command
ENDINIT Clear
Dly
Re-Initialize
R/W Registers
(if needed)
Activate
Self Test
Internal
Offset Error
Corrected to ‘0’
DeActivate
Self Test
Normal
Mode
Internal Initialization
External Initialization
Delay
DeAssertion
Dependent on Pulse
Stretch and/or Arming Mode
Assertion
Dependent on
Arming Mode
Set ENDINIT
Read DEVSTAT
to clear flags
Re-read DEVSTAT
to verify Status
tST_OMB
tOC_PHASE1
tOC_PHASE2
tOC_PHASE3
tOP
and
ST
ARM
Notes:1) Self Test can be enabled and evaluated simultaneously to reduce test time.
For failure mode coverage of the arming pins and of potential common axis failures, Freescale recommends independent self test activation.
tSTRISE
2) tSTRISE and tSTFALL are dependent on the selected LPF group delay.
Verify
Offset &
ARM DeAsserted
Dly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com