Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
7
MMA685x
2.4
Electrical Characteristics - Sensor and Signal Chain
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 25 K/min unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
56
57
58
59
Digital Sensitivity (SPI, 10-Bit Output)
25g (MMA6851)
50g (MMA6853)
60g (MMA6856)
120g (MMA6855)
*
*
*
*
SENS
SENS
SENS
SENS
⎯
⎯
⎯
⎯
20.479
9.766
8.192
4.096
⎯
⎯
⎯
⎯
LSB/g
LSB/g
LSB/g
LSB/g
(1, 9)
(1, 9)
(1, 9)
(1, 9)
60
61
67
Sensitivity Error
TA = 25°C
-40°C
≤ T
A ≤ 105°C
-40°C
≤ T
A ≤ 105°C,VCC_UV_f ≤ VCC - VSS ≤ VL
*
*
ΔSENS
ΔSENS
ΔSENS
-4
-5
-5
⎯
⎯
⎯
+4
+5
+5
%
%
%
(1)
(1)
(3)
68
69
70
71
Offset at 0g (No Offset Cancellation)
10-Bits, unsigned
10-Bits, signed
10-Bits, unsigned, VCC_UV_f ≤ VCC - VSS ≤ VL
10-Bits, signed, VCC_UV_f ≤ VCC - VSS ≤ VL
*
*
OFFSET
OFFSET
OFFSET
OFFSET
452
-60
452
-60
512
0
512
0
572
+60
572
+60
LSB
LSB
LSB
LSB
(1)
(1)
(3)
(3)
72
73
Offset Monitor Thresholds
Positive Threshold (10-Bits, unsigned)
Negative Threshold (10-Bits, unsigned)
OFFTHRPOS
OFFTHRNEG
—
—
612
412
—
—
LSB
LSB
(7)
(7)
74
75
76
77
Range of Output (SPI, 10-Bits, unsigned)
Normal
Fault Response Code
Unused Codes
Unused Codes
RANGE
FAULT
UNUSED
UNUSED
32
—
1
993
—
0
—
—
992
—
31
1023
LSB
LSB
LSB
LSB
(7)
(7)
(7)
(7)
78
79
80
81
Range of Output (SPI, 10-Bits, signed)
Normal
Fault Response Code
Unused Codes
Unused Codes
RANGE
FAULT
UNUSED
UNUSED
-480
—
-511
481
—
-512
—
—
480
—
-481
511
LSB
LSB
LSB
LSB
(7)
(7)
(7)
(7)
82 Nonlinearity
*
NLOUT
-1
—
1
% FSR
(3)
83
84
System Output Noise
RMS (10-Bit, All Ranges, 400 Hz, 4-pole LPF)
Peak to Peak (10-Bit, All Ranges, 400 Hz, 4-pole LPF)
nRMS
nP-P
—
—
—
—
0.5
1.0
LSB
LSB
(3)
(3)
85
86
Cross-Axis Sensitivity
VZX
VYX
*
*
VZX
VYX
-4
-4
—
—
+4
+4
%
%
(3)
(3)
87
88
89
90
91
92
Self-Test Output Change (Ref Section 3.6)
STMAG = 0, TA = 25°C
STMAG = 0, -40°C
≤ T
A ≤ 105°C
STMAG = 1, TA = 25°C
STMAG = 1, -40°C
≤ T
A ≤ 105°C
STMAG = 0, -40°C
≤ T
A ≤ 105°C
VCC_UV_f ≤ VCC - VSS ≤ VL
STMAG = 1, -40°C
≤ T
A ≤ 105°C
VCC_UV_f ≤ VCC - VSS ≤ VL
*
*
*
*
ΔST
Low25
ΔST
Low
ΔST
HI25
ΔST
HI
ΔST
Low
ΔST
HI
ΔST
MIN
11.25
10.68
22.5
21.37
10.68
21.37
ΔST
NOM
15
15
30
30
15
30
ΔST
MAX
18.75
19.69
37.5
39.38
19.69
39.38
g
g
g
g
g
g
(1)
(1)
(1)
(1)
(3)
(3)
93
Acceleration (without hitting internal g-cell stops)
Any Range Positive/Negative
gg-cell_Clip
500
560
600
g
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com