Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
17
MMA685x
3.1.8.2
Arming Pulse Stretch (APS[1:0])
The APS[1:0] bit sets the programmable pulse stretch time for the arming outputs. Refer to Section 3.8.9 for more details re-
garding the arming function.
3.1.8.3
Arming Window Size (AWS_x[1:0])
The AWS_x[1:0] bit has a different function depending on the state of the A_CFG bits in the DEVCFG register.
If the arming function is set to moving average mode, the AWS bits set the number of acceleration samples used for the arming
function moving average. The number of samples is set independently for polarity. If the arming function is set to count mode,
the AWS bits set the sample count limit for the arming function. The sample count limit is set independently.
Refer to Section 3.8.9 for more details regarding the arming function.
Table 13. Arming Pulse Stretch Definitions
APS[1]
APS[0]
Pulse Stretch Time(1) (Typical Oscillator)
1.Pulse stretch times are derived from the internal oscillator, so the tolerance on this oscillator applies.
00
0 mS
0
1
16.256 ms - 16.384 ms
1
0
65.408 ms - 65.536 ms
1
1
261.888 ms - 262.016 ms
Table 14. Positive Arming Window Size Definitions (Moving Average Mode)
AWS_P[1]
AWS_P[0]
Positive Window Size
00
2
01
4
10
8
11
16
Table 15. Negative Arming Window Size Definitions (Moving Average Mode)
AWS_N[1]
AWS_N[0]
Negative Window Size
00
2
01
4
10
8
11
16
Table 16. Arming Count Limit Definitions (Count Mode)
AWS_N[1]
AWS_N[0]
AWS_P[1]
AWS_P[0]
Sample Count Limit
Don’t Care
Don’t Care
0
0
1
Don’t Care
Don’t Care
0
1
3
Don’t Care
Don’t Care
1
0
7
Don’t Care
Don’t Care
1
1
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com