Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
33
MMA685x
3.8.4
Offset Cancellation
MMA685x provides the option to read offset cancelled acceleration data via the SPI by clearing the OC bit in the SPI command
(reference Section 4.1). A block diagram of the offset cancellation is shown in Figure 20, and response parameters are specified
in Section 2.4 and in Table 25.
Figure 20. Offset Cancellation Block Diagram
In normal operation, the offset cancellation circuit computes a 24,576 sample running average of the acceleration data down-
sampled to 256
μs. The running average is compared against positive and negative thresholds to determine the offset correction
value that will be applied to the acceleration data.
During start up, three phases of moving average sizes are used to allow for faster convergence of misuse input signals. Refer
to Table 25 for offset cancellation timing information during startup and normal operation.
When the self-test circuitry is active, the offset cancellation block and the offset monitor block are suspended, and the offset
correction value is constant. Once the self-test circuitry is disabled, the offset cancellation block remains suspended for the time
tST_OMB to allow the acceleration output to return to its nominal offset.
3.8.5
Offset Monitor
MMA685x provides the option for an offset monitor circuit. The offset monitor circuit is enabled when the OFMON bit in the
DEVCFG register is programmed to a logic ‘1’. The output of the offset cancellation circuit is compared against a high and low
threshold. If the offset correction value exceeds either the OFFTHRPOS, or OFFTHRNEG threshold, an Offset Over Range con-
dition is indicated.
The offset correction value update rate is listed in Table 25: “Maximum Slew Rate”. Because the offset monitor uses this value,
the offset monitor will also update at this rate. The time to indicate an Offset Over Range is dependent upon the input signal.
The offset monitor status remains frozen during self-test, because the offset monitor is based on the offset cancellation circuit,
which is also suspended during self-test. The offset monitor is disabled for 2.1 seconds following reset regardless of the state of
the OFMON bit.
3.8.6
Signal Compensation
MMA685x includes internal OTP and signal processing to compensate for sensitivity error and offset error. This compensation
is necessary to achieve the specified parameters in Section 2.4.
Table 25. Offset Cancellation Timing Specifications
Phase
Start Time of
Phase
(from POR)
Typical
Time in Phase
(ms)
# of Samples in
Phase
Samples
Averaged
OFF_CORR_VALUE
Update Rate
(ms)
Averaging
Period
(ms)
Maximum
Slew Rate
(LSB/s)
Averaging Filter
-3dB Frequency
(Hz)
Start 1
tOP
524.288
2048
48
2.048
12.288
122.1
36.05
Start 2
tOP + 524.288
524.288
2048
384
16.38
98.304
15.26
4.506
Start 3 tOP + 1048.576
524.288
2048
3072
131.1
786.432
1.907
0.5632
Normal tOP + 1572.864
—
—
24576
1049
6291.456
0.2384
0.07040
Accumulator
T1
up to 4096 samples
Shift
LPFOUT
T2
T5
T4
T3
T6
Offset Inc/Dec
OFFCORRP
OFFCORRN
OFFTHN
OFFTHP
INC
DEC
Downsampled to 256
μs
OFF_CORR_VALUE
OFFTHRNEG
OFFTHRPOS
OFF_ERR
OFF_ERR
Correction
for Start Phase
OCOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com