Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 50Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 51Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 52Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
Sensors
48
Freescale Semiconductor, Inc.
MMA685x
4.5.3.2
Invalid Register Request
The following conditions result in an “Invalid Register Request” error:
• An attempt is made to write to an un-writable register (Writable registers are defined in Section 3.1, Table 3).
Attempts to write to registers $0D, $0F, $11, and $13 will also result in an error.
• An attempt is made to write to a register while the ENDINIT bit in the DEVCFG register is set
– This applies to all registers with the exception of the DEVCTL register
• An attempt is made to read an un-readable register (Readable registers are defined in Section 3.1, Table 3).
Attempts to read registers $07, $0D, $0F, $11, and $13 will also result in an error.
MMA685x responds to an Invalid Register Request” error with an “Invalid Register Request” response as shown in Table 27.
4.5.4
Device Reset Indications
If the DEVINIT, or DEVRES bit is set in the DEVSTAT register as described in Section 3.1.10, MMA685x will respond to ac-
celeration data requests with an “Internal Error Present” response until the bits are cleared in the DEVSTAT register. The DEVINIT
bit is cleared automatically when device initialization is complete (Reference tOP in Section 2.6). The DEVRES bit is cleared on
a read of the DEVSTAT register. The arming function will not be updated on Acceleration Data Request commands if the DEVINIT
or DEVRES bit is set in the DEVSTAT register. The PCM output is disabled if the DEVINIT or DEVRES bit is set.
4.5.5
Internal Error
The following errors will result in an internal error, and set the IDE bit in the DEVSTAT register:
• OTP CRC Failure
• Writable Register CRC Failure
• Self-Test Error
• Invalid internal logic states
4.5.5.1
CRC Error
If the IDE bit is set in the DEVSTAT register due to an OTP Shadow Register or Writable Register CRC failure as described in
Section 3.2, MMA685x will respond to acceleration data requests with an “Internal Error Present” response until the IDE bit is
cleared in the DEVSTAT register. The arming function will not be updated on Acceleration Data Request commands if a CRC
Error is detected. The PCM output is not affected by the CRC error.
If the CRC error is in the writable register array, and the ENDINIT bit in the DEVCFG register has been set, the error can only
be cleared by a device reset. The IDE bit will not be cleared on a read of the DEVSTAT register.
If the CRC error is in the OTP shadow register array, the error cannot be cleared.
Register operations will be executed as specified in Section 4.4.
4.5.5.2
Self-Test Error
If the IDE bit is set in the DEVSTAT register due to a Self-Test activation failure, MMA685x will respond to acceleration data
requests with a “Self-Test Error” response until the IDE bit is cleared in the DEVSTAT register. The arming function will not be
updated on Acceleration Data Request commands if a Self-Test Error is detected. The PCM output is not affected by the Self-
Test Error. The IDE bit in the DEVSTAT register will remain set until a read of the DEVSTAT register occurs, even if the internal
failure is removed. If the internal error is still present when the DEVSTAT register is read, the IDE bit will remain set.
Register operations will be executed as specified in Section 4.4.
4.5.6
Offset Monitor Over Range
If an offset monitor over range is present as described in Section 3.8.5, MMA685x will respond to an acceleration request with
a “Valid Acceleration Data Request” response, but the Status bits (S[1:0]) will be set to ‘10’. The arming function will be updated
on Acceleration Data Request commands even if an Offset Monitor Over Range is detected. Once the over range condition is
removed, MMA685x will respond to acceleration requests with a “Valid Acceleration Data Request” response with the Status bits
(S[1:0]) set to ‘10’ on the next SPI transfer, and a “Valid Acceleration Data Request” response with normal status on subsequent
SPI transfers. The OFF bit in the DEVSTAT register will remain set until a read of the DEVSTAT register occurs.
The PCM output is not affected by the offset monitor over range condition.
Register operations will be executed as specified in Section 4.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com