Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Sensors
18
Freescale Semiconductor, Inc.
MMA685x
3.1.9
Arming Threshold Registers (ARMT_P, ARMT_N)
These registers contain the positive and negative thresholds to be used by the arming function. Refer to Section 3.8.9 for more
details regarding the arming function.
These registers can be written during initialization but are locked once the ENDINIT bit is set. Refer to Section 3.1.6.2. These
registers are included in the writable register CRC check. Refer to Section 3.2.2 for details.
The values programmed into the threshold registers are the threshold values used for the arming function as described in
Section 3.8.9. The threshold registers hold independent unsigned 8-bit values for polarity. Each threshold increment is equivalent
to one output LSB. Table 18 shows examples of some threshold register values and the corresponding threshold.
If either the positive or negative threshold is programmed to $00, comparisons are disabled for only that polarity. The arming
function still operates for the opposite polarity. If both the positive and negative arming thresholds are programmed to $00, the
Arming function is disabled, and the output pin is disabled, regardless of the value of the A_CFG bits in the DEVCFG register.
3.1.10 Device Status Register (DEVSTAT)
The device status register is a read-only register. A read of this register clears the status flags affected by transient conditions.
Reference Section 4.5 for details on the MMA685x response for each status condition.
3.1.10.1
Unused Bit (UNUSED)
The unused bit has no impact on operation or performance. When read this bit may be ‘1’ or ‘0’.
3.1.10.2
Internal Data Error Flag (IDE)
The internal data error flag is set if a customer or OTP register data CRC fault or other internal fault is detected as defined in
Section 4.5.5. The internal data error flag is cleared by a read of the DEVSTAT register. If the error is associated with a CRC fault
in the writable register array, the fault will be re-asserted and will require a device reset to clear. If the error is associated with the
data stored in the fuse array, the fault will be re-asserted even after a device reset.
3.1.10.3
Sigma Delta Modulator Over Range Flag (SDOV)
The sigma delta modulator over range flag is set if the sigma delta modulator becomes saturated. The SDOV flag is cleared
by a read of the DEVSTAT register.
Table 17. Arming Threshold Registers
Location
Bit
Address
Register
7
6543210
$10
ARMT_P
AT_P[7]
AT_P[6]
AT_P[5]
AT_P[4]
AT_P[3]
AT_P[2]
AT_P[1]
AT_P[0]
$12
ARMT_N
AT_N[7]
AT_N[6]
AT_N[5]
AT_N[4]
AT_N[3]
AT_N[2]
AT_N[1]
AT_N[0]
Reset Value
0
0000000
Table 18. Threshold Register Value Examples
Axis Type
Programmed Thresholds
Range
(g)
Sensitivity
(g/LSB)
Positive
(Decimal)
Negative
(Decimal)
Positive Threshold
(g)
Negative Threshold
(g)
20
0.04097
100
50
4.10
-2.05
20
0.04097
255
0
10.45
Disabled
50
0.1024
50
20
5.12
-2.05
120
0.24414
20
10
4.88
-2.44
Table 19. Device Status Register
Location
Bit
Address
Register
7
6543210
$14
DEVSTAT
UNUSED
IDE
SDOV
DEVINIT
MISOERR
0
OFFSET
DEVRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com