Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
39
MMA685x
3.8.9.4
Arming Pulse Stretch Function
A pulse stretch function can be applied to the arming output in moving average mode, or count mode.
If the pulse stretch function is not used (APS[1:0] = ‘00’), the arming output is asserted if and only if an arming condition exists
after the most recent evaluated sample. The arming output is de-asserted if and only if an arming condition does not exist after
the most recent evaluated sample.
If the pulse stretch function is used, (APS[1:0] not equal ‘00’), the arming output is controlled only by the value of the pulse
stretch timer value. If the pulse stretch timer value is non-zero, the arming output is asserted. If the pulse stretch timer is zero,
the arming output is de-asserted. The pulse stretch counter continuously decrements until it reaches zero. The pulse stretch
counter is reset to the programmed pulse stretch value if and only if an arming condition exists after the most recent evaluated
sample. Reference Figure 26
The desired pulse stretch time is programmable for via the APS[1:0] bits in the ARMCFG register.
Exception conditions listed in Section 4.5 do not impact prior arming function responses. If an exception occurs after an arming
activation, the corresponding pulse stretch for the existing arming condition will continue. However, new acceleration reads will
not reset the pulse stretch counter regardless of the acceleration value.
3.8.9.5
Arming Pin Output Structure
The arming output pin structure can be set to active high, or active low with the A_CFG bits in the DEVCFG register as de-
scribed in Section 3.1.6.5. The active high and active low pin output structures are shown in Figure 29.
Figure 29. Arming Function - Pin Output Structure
3.8.10 PCM Output Function
MMA685x provides the option for a PCM output function. The PCM output is enabled by setting the A_CFG bits in the
DEVCFG register to the appropriate state as described in Section 3.1.6.5. When the PCM function is enabled, the upper 9 bits
of the 10-bit, offset cancelled, output scaled acceleration values are used to generate 8 MHz Pulse Code Modulated signals pro-
portional to the acceleration onto the PCM pin. A block diagram of the PCM output is shown in Figure 30.
Exception conditions affect the PCM output as listed in Section 4.5.
Figure 30. PCM Output Function Block Diagram
Arm Function
ARM
Gating
VCC
Arm Function
ARM
Gating
VCC
Open Drain, Active High
Open Drain, Active Low
Output Scaling
OC[9:1]
A
9 Bit ADDER
ARM/PCM
B
CARRY
SUM
fCLK = 8 MHz
Sample updated every 8
μS
9
9
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
D
FF
CLK
Q
Q
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com