Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Sensors
16
Freescale Semiconductor, Inc.
MMA685x
3.1.7.3
Low-Pass Filter Selection Bits (LPF[3:0])
The Low Pass Filter selection bit selects a low-pass filter as shown in Table 11. Refer to Section 3.8.3 for details regarding
filter configurations.
Note: Filter characteristics do not include g-cell frequency response.
3.1.8
Arming Configuration Registers (ARMCFG)
The arming configuration register contains configuration information for the arming function. The values in this register are only
relevant if the arming function is operating in moving average mode, or count mode.
This register can be written during initialization but is locked once the ENDINIT bit is set. Refer to Section 3.1.6.2. This register
is included in the writable register CRC check. Refer to Section 3.2.2 for details.
3.1.8.1
Reserved Bits (Reserved)
Bits 7 through 6 of the ARMCFG register are reserved. A write to the reserved bits must always be logic ‘0’ for normal device
operation and performance.
Table 11. Low Pass Filter Selection Bits
LPF[3]
LPF[2]
LPF[1]
LPF[0]
Low Pass Filter Selected Nominal Sample Rate (
μs)
0
0
0
0
100 Hz, 4-pole
8
0
0
0
1
300 Hz, 4-Pole
8
0
0
1
0
400 Hz, 4-Pole
8
0
0
1
1
800 Hz, 4-Pole
8
0
1
0
0
1000 Hz, 4-Pole
8
0
1
0
1
400 Hz, 3-Pole
8
0
1
1
0
Reserved
Reserved
0
1
1
1
Reserved
Reserved
1
0
0
0
50 Hz, 4-Pole
16
1
0
0
1
150 Hz, 4-Pole
16
1
0
1
0
200 Hz, 4-Pole
16
1
0
1
1
400 Hz, 4-Pole
16
1
1
0
0
500 Hz, 4-Pole
16
1
1
0
1
200 Hz, 3-Pole
16
1
1
1
0
Reserved
Reserved
1
1
1
1
Reserved
Reserved
Table 12. Arming Configuration Register
Location
Bit
Address
Register
7
6543210
$0E
ARMCFG
Reserved
Reserved
APS[1]
APS[0]
AWS_N[1]
AWS_N[0]
AWS_P[1]
AWS_P[0]
Reset Value
0
0001111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com