Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MMA685X Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Sensors
4
Freescale Semiconductor, Inc.
MMA685x
1
Pin Connections
Figure 4. 16-Pin QFN Package, Top View
Table 2. Pin Description
Pin
Pin
Name
Formal Name
Definition
1
VREGA
Analog
Supply
This pin is connected to the power supply for the internal analog circuitry. An external capacitor must be
connected between this pin and VSSA. Reference Figure 1.
2
VSS
Digital GND
This pin is the power supply return node for the digital circuitry.
3
VREG
Digital
Supply
This pin is connected to the power supply for the internal digital circuitry. An external capacitor must be
connected between this pin and VSS. Reference Figure 1.
4
VSS
Digital GND
This pin is the power supply return node for the digital circuitry.
5
N/C
No Connect
No Connection
6
ARM/
PCM
Arm Output /
PCM Output
The function of this pin is configurable via the DEVCFG register as described in Section 3.1.6.5. When the
arming output is selected, ARM can be configured as an open drain, active low output with a pullup current; or
an open drain, active high output with a pulldown current. Alternatively, this pin can be configured as a digital
output with a PCM signal proportional to the acceleration data. Reference Section 3.8.9 and Section 3.8.10. If
unused, this pin must be left unconnected.
7
TEST/
VPP
Programming
Voltage
This pin provides the power for factory programming of the OTP registers. This pin must be connected to VSS
in the application.
8
MISO
SPI Data Out This pin functions as the serial data output for the SPI port.
9
VCC
Supply
This pin supplies power to the device. An external capacitor must be connected between this pin and VSS.
Reference Figure 1.
10
SCLK
SPI Clock
This input pin provides the serial clock to the SPI port. An internal pulldown device is connected to this pin.
11
MOSI
SPI Data In
This pin functions as the serial data input to the SPI port. An internal pulldown device is connected to this pin.
12
CS
Chip Select
This input pin provides the chip select for the SPI port. An internal pullup device is connected to this pin.
13
VSSA
Analog GND
This pin is the power supply return node for analog circuitry.
14
N/C
No Connect
No Connection
15
N/C
No Connect
No Connection
16
VSSA
Analog GND
This pin is the power supply return node for analog circuitry.
17
PAD
Die Attach
Pad
This pin is the die attach flag, and is internally connected to VSS.
Corner
Pads
Corner Pads
The corner pads are internally connected to VSS.
VREGA
VSS
MOSI
SCLK
VCC
VSS
VREG
1
2
3
4
5
6
7
8
12
11
10
9
16 15 14 13
CS
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com