Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Sensors
12
Freescale Semiconductor, Inc.
MMA685x
3.1.1
Device Serial Number Registers
A unique serial number is programmed into the serial number registers of each MMA685x device during manufacturing. The
serial number is composed of the following information:
Serial numbers begin at 1 for all produced devices in each lot, and are sequentially assigned. Lot numbers begin at 1 and are
sequentially assigned. No lot will contain more devices than can be uniquely identified by the 13-bit serial number. Depending on
lot size and quantities, all possible lot numbers and serial numbers may not be assigned.
The serial number registers are included in the OTP shadow register array CRC verification. Reference Section 3.2.1 for de-
tails regarding the CRC verification. Beyond this, the contents of the serial number registers have no impact on device operation
or performance, and are only used for traceability purposes.
3.1.2
Reserved Registers
These reserved registers are read-only and have no impact on device operation or performance.
3.1.3
Factory Configuration Registers
The factory configuration register is a one time programmable, read only register which contains customer specific device con-
figuration information that is programmed by Freescale.
3.1.3.1
Self-Test Magnitude Selection Bits (STMAG)
The self-test magnitude selection bits indicate if the nominal self-test deflection value is set to the low or high value as shown
in the table below.
Bit Range
Content
S12 - S0
Serial Number
S31 - S13
Lot Number
Table 4. Reserved Registers
Location
Bit
Address
Register
7
6543210
$04
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
$05
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 5. Factory Configuration Register
Location
Bit
Address
Register
7
6543210
$06
FCTCFG
STMAG
0000000
STMAG
Full-Scale
Acceleration Range
Nominal Self-Test Deflection Value
(Reference Section 2.4)
0
≤ 60g
ΔST
Low
1
> 60g
ΔST
HI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com