Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 50Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 51Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 52Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
49
MMA685x
4.5.7
ΣΔ Over Range
If a
ΣΔ Over Range failure is present as described in Section 3.11.2, MMA685x will respond to acceleration data requests with
a “Valid Acceleration Data Request” response, but the Status bits (S[1:0]) will be set to ‘10’. The arming function will be updated
on Acceleration Data Request commands even if a
ΣΔ Over Range is detected. Once the over range condition is removed,
MMA685x will respond to acceleration requests with a “Valid Acceleration Data Request” response with the Status bits (S[1:0])
set to ‘10’ on the next SPI transfer, and a “Valid Acceleration Data Request” response with normal status on subsequent SPI
transfers. The SDOV bit in the DEVSTAT register will remain set until a read of the DEVSTAT register occurs.
The PCM output is not affected by the
ΣΔ over range condition.
Register operations will be executed as specified in Section 4.4.
4.6
Initialization SPI Response
The first data transmitted by MMA685x following reset is the SPI Error response shown in Table 27. This ensures that an un-
expected reset will always be detectable. MMA685x will respond to all acceleration data requests with the “Invalid Acceleration
Data Request” response until the DEVRES bit in the DEVSTAT register is cleared via a read of the DEVSTAT register. The arming
function will not be updated on Acceleration Data Request commands until the DEVRES bit in the DEVSTAT register is cleared.
4.7
Acceleration Data Representation
Acceleration values are determined from the 10-bit digital output (DV) using the following equations:
The linear range of digital values for signed data is -480 to +480, and for unsigned data is 32 to 992. Resulting ranges and
some nominal acceleration values are shown in Table 31.
Figure 35 shows the how the possible output data codes are determined from the input data and the error sources. The rele-
vant parameters are specified in Section 2.4.
Acceleration
Sensitivity
LSB
DV
512
–
()
×
=
Acceleration
Sensitivity
LSB
DV
×
=
For Signed Data
For Unsigned Data
Table 31. Nominal Acceleration Data Values
Unsigned
Digital Value
Signed
Digital Value
Nominal Acceleration
Trimmed for
Maximum Sensitivity
(g)
Trimmed for
Maximum Range
(g)
993 - 1023
481 - 511
Unused
992
480
19.666
117.19
991
479
19.625
116.94
•
•
•
•
•
•
•
•
•
•
•
•
514
2
+0.082
+0.488
513
1
+0.041
+0.244
512
0
0
0
511
-1
-0.041
-0.244
510
-2
-0.082
-0.488
•
•
•
•
•
•
•
•
•
•
•
•
33
-479
-19.625
-116.94
32
-480
-19.666
-117.19
1 - 31
-481 to -511
Unused
0
-512
Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com