Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Sensors
14
Freescale Semiconductor, Inc.
MMA685x
3.1.6
Device Configuration Register (DEVCFG)
The device configuration register is a read/write register which contains data for general device configuration. The register can
be written during initialization but is locked once the ENDINIT bit is set. This register is included in the writable register CRC
check. Refer to Section 3.2.2 for details.
3.1.6.1
Reserved Bits (Reserved)
Bits 6 and 7 of the DEVCFG register are reserved. A write to the reserved bits must always be logic ‘0’ for normal device op-
eration and performance.
3.1.6.2
End of Initialization Bit (ENDINIT)
The ENDINIT bit is a control bit used to indicate that the user has completed all device and system level initialization tests,
and that MMA685x will operate in normal mode. Once the ENDINIT bit is set, writes to all writable register bits are inhibited except
for the DEVCTL register. Once written, the ENDINIT bit can only be cleared by a device reset. The writable register CRC check
(reference Section 3.2.2) is only enabled when the ENDINIT bit is set.
3.1.6.3
SD Bit
The SD bit determines the format of acceleration data results. If the SD bit is set to a logic ‘1’, unsigned results are transmitted,
with the zero-g level represented by a nominal value of 512. If the SD bit is cleared, signed results are transmitted, with the zero-
g level represented by a nominal value of 0.
3.1.6.4
OFMON Bit
The OFMON bit determines if the offset monitor circuit is enabled. If the OFMON bit is set to a logic ‘1’, the offset monitor is
enabled. Refer to Section 3.8.5 for more information. If the OFMON bit is cleared, the offset monitor is disabled.
Table 8. Device Configuration Register
Location
Bit
Address
Register
7
6543210
$0B
DEVCFG
Reserved
Reserved
ENDINIT
SD
OFMON
A_CFG[2]
A_CFG[1]
A_CFG[0]
Reset Value
0
0000000
SD
Operating Mode
1
Unsigned Data Output
0
Signed Data Output
OFMON
Operating Mode
1
Offset Monitor Circuit Enabled
0
Offset Monitor Circuit Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com