Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Sensors
38
Freescale Semiconductor, Inc.
MMA685x
3.8.9.3
Arming Function: Unfiltered Mode
On the falling edge of CS for an acceleration response, the most recent available DSP sample is compared against positive
and negative thresholds that are programmed via the ARMT_x registers. Reference Section 3.1.9 for register details. If the sam-
ple equals or exceeds either threshold, an arming condition is indicated.
Once an arming condition is indicated for the ARM output is asserted when CS is asserted and the MISO data includes an
acceleration response.
The pulse stretch function is not applied in Unfiltered mode.
Figure 27 contains a block diagram of the Arming Function operation in Unfiltered Mode. Figure 28 shows the Arming output
operation under the different SPI request conditions.
Figure 27. Arming Function Block Diagram - Unfiltered Mode
Figure 28. MMA685x Arming Conditions, Unfiltered Mode
ACFG[2]
CS
AXIS Select
ARM
I/O
ACFG[1]
ARMING FUNCTION
Interpolated Sample Rate
X-Axis Arm Condition
Not Present
X-Axis Data Latched for
Arm Function and SPI
SCLK
MOSI
MISO
CS
Request X-Axis
Request X-Axis
X-Axis Response
X-Axis Response
Request X-Axis
Request X-Axis
X-Axis Response
ARM
X-Axis Response
X-Axis Arm Condition
Not Present
X-Axis Arm Condition
Not Present
X-Axis Arm Condition
Present
tARM_UF_DL
tARM_UF_ASSERT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com