Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
19
MMA685x
3.1.10.4
Device Initialization Flag (DEVINIT)
The device initialization flag is set during the interval between negation of internal reset and completion of internal device ini-
tialization. DEVINIT is cleared automatically. The device initialization flag is not affected by a read of the DEVSTAT register.
3.1.10.5
SPI MISO Data Mismatch Error Flag (MISOERR)
The MISO data mismatch flag is set when a MISO Data mismatch fault occurs as specified in Section 4.5.2. The MISOERR
flag is cleared by a read of the DEVSTAT register.
3.1.10.6
Offset Monitor Over Range Flags (OFFSET)
The offset monitor over range flag is set if the acceleration signal reaches the specified offset limit. The offset monitor over
range flags are cleared by a read of the DEVSTAT register.
3.1.10.7
Device Reset Flag (DEVRES)
The device reset flag is set during device initialization following a device reset. The device reset flag is cleared by a read of
the DEVSTAT register.
3.1.11 Count Register (COUNT)
The count register is a read-only register which provides the current value of a free-running 8-bit counter derived from the pri-
mary oscillator. A 10-bit pre-scaler divides the primary oscillator frequency by 1024. Thus, the value in the register increases by
one count every 128
μs and the counter rolls over every 32.768 ms.
3.1.12 Offset Correction Value Registers (OFFCORR)
The offset correction value register is a read-only register which contain the most recent offset correction increment / decre-
ment value from the offset cancellation circuit. The value stored in this register indicates the amount of offset correction being
applied to the SPI output data. The values have a resolution of 1 LSB.
3.1.13 Reserved Registers (Reserved)
Registers $1C and $1D are reserved. A write to the reserved bits must always be logic ‘0’ for normal device operation and
performance.
Table 20. Count Register
Location
Bit
Address
Register
76543210
$15
COUNT
COUNT[7]
COUNT[6]
COUNT[5]
COUNT[4]
COUNT[3]
COUNT[2]
COUNT[1]
COUNT[0]
Reset Value
00000000
Table 21. Offset Correction Value Register
Location
Bit
Address
Register
76543210
$16
OFFCORR_X
OFFCORR_X[7]
OFFCORR_X[6]
OFFCORR_X[5]
OFFCORR_X[4]
OFFCORR_X[3]
OFFCORR_X[2]
OFFCORR_X[1]
OFFCORR_X[0]
Reset Value
00000000
Table 22. Reserved Registers
Location
Bit
Address
Register
76543210
$1C
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
$1D
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reset Value
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com