Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
9
MMA685x
2.6
Dynamic Electrical Characteristics - Supply and SPI
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 25 K/min unless otherwise specified
1.
Parameters tested 100% at final test.
2.
Parameters tested 100% at wafer probe.
3.
Parameters verified by characterization
4.
(*) Indicates a critical characteristic.
5.
Verified by qualification testing.
6.
Parameters verified by pass/fail testing in production.
7.
Functionality guaranteed by modeling, simulation and/or design verification. Circuit integrity assured through IDDQ and scan testing. Timing is deter-
mined by internal system clock frequency.
8.
N/A
9.
Devices are trimmed at 100 Hz with 1000 Hz low-pass filter option selected. Response is corrected to 0 Hz response.
10. Low-pass filter cutoff frequencies shown are -3dB referenced to 0 Hz response.
11. Power supply ripple at frequencies greater than 900 kHz should be minimized to the greatest extent possible.
12. Time from falling edge of CS to ARM output valid.
13. N/A
14. Thermal resistance between the die junction and the exposed pad; cold plate is attached to the exposed pad.
15. Device characterized at all values of VL and VH. Production test is conducted at all typical voltages (VTYP) unless otherwise noted.
16. Data path Latency is the signal latency from g-cell to SPI output disregarding filter group delays.
17. Filter characteristics are specified independently, and do not include g-cell frequency response.
18. Electrostatic Deflection Test completed during wafer probe.
19. Verified by simulation.
20. Acceleration Data Request timing constraint only applies for proper operation of the Arming Function.
#
Characteristic
Symbol
Min
Typ
Max
Units
129
130
Power-On Recovery Time (VCC = VCCMIN to first SPI access)
Power-On Recovery Time (Internal POR to first SPI access)
tOP
tOP
⎯
⎯
⎯
⎯
10
840
ms
μs
(3)
(3, 7)
131
132
Internal Oscillator Frequency
Test Frequency - Divided from Internal Oscillator
*
fOSC
fOSCTST
7.6
0.95
8
1
8.4
1.05
MHz
MHz
(7)
(1)
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
Serial Interface Timing (See Figure 6, CMISO ≤ 80 pF, RMISO ≥ 10 kΩ)
Clock (SCLK) period (10% of VCC to 10% of VCC)
Clock (SCLK) high time (90% of VCC to 90% of VCC)
Clock (SCLK) low time (10% of VCC to 10% of VCC)
Clock (SCLK) rise time (10% of VCC to 90% of VCC)
Clock (SCLK) fall time (90% of VCC to 10% of VCC)
CS asserted to SCLK high (CS = 10% of VCC to SCLK = 10% of VCC)
CS asserted to MISO valid (CS = 10% of VCC to MISO = 10/90% of VCC)
Data setup time (MOSI = 10/90% of VCC to SCLK = 10% of VCC)
MOSI Data hold time (SCLK = 90% of VCC to MOSI = 10/90% of VCC)
MISO Data hold time (SCLK = 90% of VCC to MISO = 10/90% of VCC)
SCLK low to data valid (SCLK = 10% of VCC to MISO = 10/90% of VCC)
SCLK low to CS high (SCLK = 10% of VCC to CS = 90% of VCC)
CS high to MISO disable (CS = 90% of VCC to MISO = Hi Z)
CS high to CS low (CS = 90% of VCC to CS = 90% of VCC)
SCLK low to CS low (SCLK = 10% of VCC to CS = 90% of VCC)
CS high to SCLK high (CS = 90% of VCC to SCLK = 90% of VCC)
*
*
*
*
*
*
*
*
*
*
*
*
*
tSCLK
tSCLKH
tSCLKL
tSCLKR
tSCLKF
tLEAD
tACCESS
tSETUP
tHOLD_IN
tHOLD_OUT
tVALID
tLAG
tDISABLE
tCSN
tCLKCS
tCSCLK
120
40
40
⎯
⎯
60
⎯
20
10
0
⎯
60
⎯
526
60
60
⎯
⎯
⎯
15
15
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
40
28
⎯
60
⎯
⎯
⎯
40
⎯
60
⎯
⎯
⎯
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
(3)
(3)
(3)
(19)
(19)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com