Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA685X Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Sensors
2
Freescale Semiconductor, Inc.
MMA685x
Application Diagram
Figure 1. Application Diagram
Device Orientation
Figure 2. Device Orientation Diagram
Table 1. External Component Recommendations
Ref Des
Type
Description
Purpose
C1
Ceramic
0.1
μF, 10%, 10V Minimum, X7R
VCC Power Supply Decoupling
C2
Ceramic
1
μF, 10%, 10V Minimum, X7R
Voltage Regulator Output Capacitor (CREG)
C3
Ceramic
1
μF, 10%, 10V Minimum, X7R
Voltage Regulator Output Capacitor (CREGA)
C3
C1
C2
VCC
MMA685x
VCC
VREG
VREGA
VSS
VPP/TEST
CS
SCLK
ARM
CS_A
SCLK1
MOSI1
Main MCU
MISO1
CS_D
SCLK2
MOSI2
MISO2
CS
SCLK
MOSI
MISO
Deployment IC
DEPLOY_EN
VSSA
MOSI
MISO
X: 0g
EARTH GROUND
X: +1g
X: 0g
X: -1g
X: 0g
X: 0g
xxxxxxx
xxxxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com