Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA685X Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MMA685X
Description  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Sensors
44
Freescale Semiconductor, Inc.
MMA685x
4.2
SPI Response Format
Table 27. SPI Response Message Summary
MSB
LSB
15
14
13
12
11
10
98
76543210
CMD
A
AX
Response to Valid Acceleration Request
Data Type
Reference
OC
0
AX
P
S1
S0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
OC = Offset Cancelled Data Requested
0
Transferred Accel Data is Offset Cancelled Data
1
Transferred Accel Data is Raw Data
AX = Axis Requested
0
Acceleration Data Response
1N/A
P = Odd Parity
S[1:0] = Device Status
0
0
In Initialization (ENDINIT = ‘0’)
0
1
Normal Data Request
1
0
ST Active,
ΣΔ/Offset Over range Present
1
1
Internal Error Present / SPI Error
CMD
A
AX
OC
0
AX
P
S1
S0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Data Type
Reference
Valid
Accel
Data
Request
1
0
OC
0
0
P
0
1
Acceleration Data
Accel
Section 4.3
1
0
OC
0
0
P
1
0
Self-Test Active Acceleration Data
Accel
1
0
OC
0
0
P
0
0
Acceleration Data, Initialization in Process (ENDINIT=’0’)
Accel
1
1
OC
0
1
P
0
1
Invalid Accel Request
N/A
1
1
OC
0
1
P
1
0
Invalid Accel Request
N/A
1
1
OC
0
1
P
0
0
Invalid Accel Request
N/A
MSB
LSB
15
14
13
12
11
10
98
76543210
CMD
A
AX
Response to Valid Register Access
Data Type
Reference
D15
D14
AX
P
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Register
Write
0
1
0
0
1
P
1110
D7
D6
D5
D4
D3
D2
D1
D0
Register Write
Section 4.4.1
New Contents of Register
Register
Read
0
0
0
1
0
P
1110
D7
D6
D5
D4
D3
D2
D1
D0
Register Read
Section 4.4.2
Contents of Register
MSB
LSB
15
14
13
12
11
10
98
76543210
CMD
A
AX
Error Responses
Data Type
Reference
D15
D14
AX
P
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Invalid
Accel
Request
xx
00
0
P
1
1
SD = 1: 00 0000 0000
SD = 0: 10 0000 0000
Register Setting
Mismatch
Section 4.3
Internal
Error
Present
xx
IDE Bit Set
(Excl. Self-Test),
DEVINIT Bit Set
DEVRES Bit Set
Section 4.5.5
MISO
Error
xx
MISO Error on
Previous Msg
Section 4.5.2
SPI Error
x
x
MOSI Parity
CMD Bit 15 = 1
SPI Timing Err
SPI Mismatch Err
SPI Protocol Errs
Section 4.5.1
Invalid
Register
Request
0
x
0
0
001110
00000000
Invalid Reg Addr,
Write while
ENDINIT set,
Write to R/O Reg
Section 4.4
Self-Test
Error
0x
0
0
1
P
1
1
SD = 1: 00 0000 0000
SD = 0: 10 0000 0000
IDE Bit set due to
Self-Test Error
Section 4.5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com