Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 18 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 14Page - Texas Instruments TNETA1575 Datasheet HTML 15Page - Texas Instruments TNETA1575 Datasheet HTML 16Page - Texas Instruments TNETA1575 Datasheet HTML 17Page - Texas Instruments TNETA1575 Datasheet HTML 18Page - Texas Instruments TNETA1575 Datasheet HTML 19Page - Texas Instruments TNETA1575 Datasheet HTML 20Page - Texas Instruments TNETA1575 Datasheet HTML 21Page - Texas Instruments TNETA1575 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
traffic coprocessor interface
The TNETA1575 provides a traffic coprocessor interface (COPI) to add flexibility to the segmentation
scheduling algorithm. The COPI is implemented using the control-memory interface and three unidirectional
serial channels that transfer information from the TNETA1575 to the coprocessor and COPI-full indicator signal.
The TNETA1575 acts as an initiator of all transfers to and from the coprocessor.
The primary method of communication between the TNETA1575 and a coprocessor is via the control-memory
interface. It is intended that an external coprocessor be mapped into the control-memory space, starting at
address 10000 and extending to address 1FFFF. This equates to a total address space of 64K 32-bit words that
is reserved for use by the coprocessor.
The mapping of the coprocessor in control memory provides a means for the TNETA1575 to initialize the
coprocessor, to obtain information related to the scheduling of cells, and to obtain RM cell contents.
In this document, the three serial channels and the COPI-full indicator signal are described.
received cell-indication channel
A serial-bit interface allows the TNETA1575 to signal to the coprocessor that a cell has been received on a
particular DMA channel. This interface is necessary to avoid duplicating the hardware that is used to resolve
a VPI/VCI to a DMA channel. When a cell is received, the VPI/VCI value from the header is extracted and is
used as a key in a lookup algorithm. When the lookup is complete, the TNETA1575 sends a 13-bit frame to the
coprocessor, which is formatted as follows:
DMA NUMBER
GOOD/BAD CELL INDICATOR
FRAMING
(12–2)
(1)
(0)
The frame is transmitted to the coprocessor through the RCCX terminal, starting with bit 0. When a frame is not
actively being transmitted, the RCCX terminal is driven to a 0.
transmitted cell-indication channel
A single-bit interface allows the TNETA1575 to signal to the coprocessor that a cell will be transmitted on a
particular DMA channel. This interface is necessary to facilitate statistics processing in the coprocessor and to
aid in ATM-forum available-bit-rate (ABR) scheduling. As soon as the TNETA1575 determines that it has the
data to send a cell, it simultaneously sends an 18-bit frame to the coprocessor, which is formatted as follows:
DMA NUMBER
CLP INDICATOR
CELL TYPE
SCHEDULING
SOURCE
SEND
ACKNOWLEDGE
FRAMING
(17–7)
(6)
(5–3)
(2)
(1)
(0)
The frame is transmitted to the coprocessor through the TCCX terminal, starting with bit 0. When a frame is not
actively being transmitted, the TCCX terminal is driven to a 0.
data-availability channel
A single-bit interface allows the TNETA1575 to signal to the coprocessor when data is available or unavailable
on a particular channel. When the host writes to the transmit queue register to notify the TNETA1575 that a
packet has been queued, or if the TNETA1575 completes segmentation of the last packet on a particular DMA
channel, a 13-bit frame is sent to the coprocessor, which is formatted as follows:
DMA NUMBER
DATA AVAILABLE/UNAVAILABLE
FRAMING
(12–2)
(1)
(0)
The frame is transmitted to the coprocessor through the DAX terminal, starting with bit 0. When a frame is not
actively being transmitted, the DAX terminal is driven to a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com