Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 37 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 33Page - Texas Instruments TNETA1575 Datasheet HTML 34Page - Texas Instruments TNETA1575 Datasheet HTML 35Page - Texas Instruments TNETA1575 Datasheet HTML 36Page - Texas Instruments TNETA1575 Datasheet HTML 37Page - Texas Instruments TNETA1575 Datasheet HTML 38Page - Texas Instruments TNETA1575 Datasheet HTML 39Page - Texas Instruments TNETA1575 Datasheet HTML 40Page - Texas Instruments TNETA1575 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Note 8 and Figure 20)
UTOPIA interface
NO.
MIN
MAX
UNIT
1
tw(RESCLKH)
Pulse duration, RESCLK high
12
ns
2
tw(RESCLKL)
Pulse duration, RESCLK low
12
ns
3
tsu(RESSOC)
Setup time, RESSOC high before RESCLK
↑
10
ns
4
tsu(RESEN)
Setup time, RESEN low before RESCLK
↑
10
ns
5
tsu(RESDATA)
Setup time, RESDATA7–RESDATA0 valid before RESCLK
↑
10
ns
6
tsu(RESPAR)
Setup time, RESPAR valid before RESCLK
↑
10
ns
7
th(RESSOC)
Hold time, RESSOC high after RESCLK
↑
1
ns
8
th(RESEN)
Hold time, RESEN low after RESCLK
↑
1
ns
NOTE 8: All output signals are generated on the rising edge of RESCLK.
operating characteristics (see Note 8 and Figure 20)
UTOPIA interface
NO.
PARAMETER
MIN
MAX
UNIT
9
td(RESCLAV)
Delay time, RESCLK
↑ to RESCLAV↑
1
20
ns
10
td(RESPERR)1
Delay time, RESCLK
↑ to RESPERR↓
1
20
ns
11
td(RESPERR)2
Delay time, RESCLK
↑ to RESPERR↑
1
20
ns
NOTE 8. All output signals are generated on the rising edge of RESCLK.
RESDATA7–
RESDATA0
(input)
RESCLAV
(output)
RESCLK
(input)
1
2
RESSOC
(input)
9
7
RESEN
(input)
8
Byte 53
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
3
4
5
Parity
Error
No Parity Error
11
6
10
RESPAR
(input)
RESPERR
(output)
Figure 20. Reassembly-Cell Interface – PHY/ATM Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com