Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 30 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 26Page - Texas Instruments TNETA1575 Datasheet HTML 27Page - Texas Instruments TNETA1575 Datasheet HTML 28Page - Texas Instruments TNETA1575 Datasheet HTML 29Page - Texas Instruments TNETA1575 Datasheet HTML 30Page - Texas Instruments TNETA1575 Datasheet HTML 31Page - Texas Instruments TNETA1575 Datasheet HTML 32Page - Texas Instruments TNETA1575 Datasheet HTML 33Page - Texas Instruments TNETA1575 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics (see Figure 12)
control-memory interface – write operation
NO.
PARAMETER
MIN
MAX
UNIT
1
td(CMAD)
Delay time, from PCLK
↑ to CMAD15–CMAD0 valid
2
15
ns
2
td(CMDATA)
Delay time, from PCLK
↑ to CMDATA31–CMDATA0 valid
5
15
ns
3
td(CMOE)
Delay time, from PCLK
↑ to CMOE↑
5
15
ns
4
td(CMWE)1
Delay time, from PCLK
↓ to CMWE↓
5
15
ns
5
td(CMWE)2
Delay time, from PCLK
↓ to CMWE↑
5
15
ns
CMAD15-
CMAD0
(output)
CMOE
(output)
CMWE
(output)
CMDATA31-
CMDATA0
(output)
3
2
Valid
4
5
1
PCLK
(input)
Valid
Figure 12. Control-Memory Interface – Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com