Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 10Page - Texas Instruments TNETA1575 Datasheet HTML 11Page - Texas Instruments TNETA1575 Datasheet HTML 12Page - Texas Instruments TNETA1575 Datasheet HTML 13Page - Texas Instruments TNETA1575 Datasheet HTML 14Page - Texas Instruments TNETA1575 Datasheet HTML 15Page - Texas Instruments TNETA1575 Datasheet HTML 16Page - Texas Instruments TNETA1575 Datasheet HTML 17Page - Texas Instruments TNETA1575 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
segmentation interface in ATM mode
The segmentation-unit interface on the TNETA1575 operates as a TX UTOPIA interface in an ATM-layer device.
The PHY/ATM terminal must be driven low to make the TNETA1575 operate in ATM mode.
This cell interface works on the low-to-high transition of SEGCLK to sample and generate signals. All signals
are active high, unless noted with a bar above the signal name.
TNETA1575 SIGNAL NAME
TNETA1575 TERMINAL NUMBER
UTOPIA SIGNAL NAME
SEGCLK
95
TXCLK
SEGDATA7–SEGDATA0
84–87, 89–92
TXDATA7–TXDATA0
SEGPAR
94
TXPRTY
SEGSOC
97
TXSOC
SEGEN
96
TXCLAV/TXFULL
SEGCLAV
98
TXENB
reassembly interface in ATM mode
The reassembly-unit interface on the TNETA1575 operates as the RX UTOPIA interface in an ATM device when
the TNETA1575 is configured in ATM mode.
This receive cell interface works on the low-to-high transition of RESCLK to sample and generate signals. All
signals are active high, unless noted with a bar above the signal name.
TNETA1575 SIGNAL NAME
TNETA1575 TERMINAL NUMBER
UTOPIA SIGNAL NAME
RESCLK
66
RXCLK
RESDATA7–RESDATA0
72–75, 77–80
RXDATA7–RXDATA0
RESPAR
71
RXPRTY
RESSOC
70
RXSOC
RESEN
67
RXCLAV/RXEMPTY
RESCLAV
69
RXENB
RESPERR
81
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com