Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 16 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 12Page - Texas Instruments TNETA1575 Datasheet HTML 13Page - Texas Instruments TNETA1575 Datasheet HTML 14Page - Texas Instruments TNETA1575 Datasheet HTML 15Page - Texas Instruments TNETA1575 Datasheet HTML 16Page - Texas Instruments TNETA1575 Datasheet HTML 17Page - Texas Instruments TNETA1575 Datasheet HTML 18Page - Texas Instruments TNETA1575 Datasheet HTML 19Page - Texas Instruments TNETA1575 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
local-bus interface
This interface allows access to the registers in two devices on the local bus. The TNETA1575 accepts a ready
signal from devices on the bus as a handshake. This accommodates slow devices, and also can be used to relax
timing constraints on the register interface for PHY-layer devices. The local bus is accessed exclusively via
PCI-bus transactions with TNETA1575 as the slave, with the exception of the local-bus interrupt signal. The
12-bit address of the local bus comprises the PCI-bus address lines (bits 13–2). These directly drive the
local-bus address bits (11–0). The signals in this interface are defined in the terminal-function table of this
document.
control-memory interface
Control memory contains the local data structures and state information used by the device to transmit and
receive data on a virtual connection (VC) or channel. The scheduler table, transmit active-packet counters,
free-buffer ring-pointer table, and TX/RX DMA state table are located in control memory. The scheduler table
contains 2,048 entries, consisting of one word each. The transmit active-packet counters contain the number
of packets that have been queued for transmit on each packet segmentation ring. The free-buffer ring-pointer
table contains the pointers to the receive free-buffer rings. There are 256 entries in the free-buffer ring-pointer
table (one entry for each free-buffer ring), and each entry consists of two words. The TX/RX DMA state table
contains 2,048 entries, one entry for each transmit-/receive-channel pair. Each entry consists of 16 words; eight
words for the transmit operation and eight words for the receive operation. The definitions and functional
description of the TNETA1575 data structures are discussed in detail in the
TNETA1575 Programmer’s
Reference Guide, literature number SDNU015.
These local data structures are located off the chip in external SRAM. The TNETA1575 is designed to operate
with 15-ns (or faster) asynchronous SRAM devices. The total SRAM requirement to support a full
implementation of control memory is approximately 37K
× 32. The device can operate with a control-memory
SRAM of size 32K
× 32. A system design with the 32K × 32 SRAM size only supports up to 1,792 TX/RX-channel
pairs. To support the entire range of 2,048 TX/RX-channel pairs, the TNETA1575 requires a SRAM
configuration of 64K
× 32.
The control-memory map for the TNETA1575 device follows:
control-memory map
MEMORY BLOCK
SIZE (IN 32-BIT WORDS)
CONTROL-MEMORY
ADDRESS (HEX)
PCI-OFFSET ADDRESS
(HEX)
Scheduler table
2,048
00000–007FF
00000–01FFC
Active packet counters
1,024
00800–00BFF
02000–02FFC
Reserved
512
00C00–00DFF
03000–037FC
Free-buffer ring pointer-table
512
00E00–00FFF
03800–03FFC
TX/RX DMA state table
32,768
01000–08FFF
04000–23FFC
DMA lookup table†
4,096
09000–09FFF
24000–27FFF
Local-bus device 1 (LBCS1)
4,096
0A000–0AFFF
28000–2BFFC
Local-bus device 2 (LBCS2)
4,096
0B000–0BFFF
2C000–2FFFC
Reserved
16,384
0C000–0FFFF
30000–3FFFC
Traffic coprocessor memory space
65,536
10000–1FFFF
40000–7FFFC
† The DMA lookup table is physically located on the chip and is not located off of the chip in the control memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com