Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 2 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 2 Page - Texas Instruments

  TNETA1575 Datasheet HTML 1Page - Texas Instruments TNETA1575 Datasheet HTML 2Page - Texas Instruments TNETA1575 Datasheet HTML 3Page - Texas Instruments TNETA1575 Datasheet HTML 4Page - Texas Instruments TNETA1575 Datasheet HTML 5Page - Texas Instruments TNETA1575 Datasheet HTML 6Page - Texas Instruments TNETA1575 Datasheet HTML 7Page - Texas Instruments TNETA1575 Datasheet HTML 8Page - Texas Instruments TNETA1575 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PGC PACKAGE
(TOP VIEW)
CMSELHI
CMBS1
CMBS2
ATMCLK2
VCC
RESCLK
RESEN
VCC(5V)
RESCLAV
RESSOC
RESPAR
RESDATA7
RESDATA6
RESDATA5
RESDATA4
GND
RESDATA3
RESDATA2
RESDATA1
RESDATA0
RESPERR
ATMCLK1
PHY/ATM
SEGDATA7
SEGDATA6
SEGDATA5
SEGDATA4
GND
SEGDATA3
SEGDATA2
SEGDATA1
SEGDATA0
VCC
SEGPAR
SEGCLK
SEGEN
SEGSOC
SEGCLAV
LBCS1
VCC(5V)
TESTMODE
TRST
TCK
TMS
TDO
TDI
GND
HPSACK
HPSREQ
PSB1
PSB0
PINTA
PRST
PCLK
VCC
PGNT
GND
PREQ
PAD31
PAD30
CMDATA3
GND
CMDATA2
CMDATA1
CMDATA0
VCC(5V)
GND
LINTR
RCCX
TCCX
VCC
DAX
GND
COPFULL
LRESET
LBDATA0
LBDATA1
GND
LBDATA2
VCC
LBDATA3
LBDATA4
LBDATA5
LBDATA6
GND
LBDATA7
LBREADY
VCC(5V)
LBCS2
LBR/W
GND
LBAD0
LBAD1
LBAD2
LBAD3
VCC
LBAD4
GND
LBAD5
LBAD6
LBAD7
LBAD8
GND
LBAD9
VCC
LBAD10
LBAD11
PSB6
GND
PSB5
PSB4
PSB3
VCC
PSB2
GND
TXQUERDY
SBLENGTH
LBINTR
VCC(5V)
PAD0
61
63
65
67
69
71
73
75
77
79
81
83
85
87
89
91
93
95
97
99
101
103
105
107
109
111
113
115
117
119
239
237
235
233
231
229
227
225
223
221
219
217
215
213
211
209
207
205
203
201
199
197
195
193
191
189
187
185
183
181
description (continued)
The connection parameter cell-delay variation tolerance (CDVT) is not supported by the TNETA1575 scheduler
on CBR connections.
This data sheet provides information on the hardware specifications of the TNETA1575 device. The document
contains information on the device interfaces, timing diagrams, electrical characteristics, terminal and package
information, and an overview of the device operation. All the information on the TNETA1575 data structures,
configuration, and features is provided in the
TNETA1575 Programmer’s Reference Guide, literature number
SDNU015.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com