Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 38 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 34Page - Texas Instruments TNETA1575 Datasheet HTML 35Page - Texas Instruments TNETA1575 Datasheet HTML 36Page - Texas Instruments TNETA1575 Datasheet HTML 37Page - Texas Instruments TNETA1575 Datasheet HTML 38Page - Texas Instruments TNETA1575 Datasheet HTML 39Page - Texas Instruments TNETA1575 Datasheet HTML 40Page - Texas Instruments TNETA1575 Datasheet HTML 41Page - Texas Instruments TNETA1575 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Note 9 and Figure 21)
UTOPIA interface
NO.
MIN
MAX
UNIT
1
tw(RESCLKH)
Pulse duration, RESCLK high
12
ns
2
tw(RESCLKL)
Pulse duration, RESCLK low
12
ns
3
tsu(RESEN)
Setup time, RESEN high before RESCLK
↑
10
ns
4
tsu(RESSOC)
Setup time, RESSOC high before RESCLK
↑
10
ns
5
tsu(RESDATA)
Setup time, RESDATA7–RESDATA0 valid before RESCLK
↑
10
ns
6
tsu(RESPAR)
Setup time, RESPAR valid before RESCLK
↑
10
ns
7
th(RESEN)
Hold time, RESEN high after RESCLK
↑
1
ns
8
th(RESSOC)
Hold time, RESSOC high after RESCLK
↑
1
ns
9
th(RESDATA)
Hold time, RESDATA7–RESDATA0 valid after RESCLK
↑
1
ns
10
th(RESPAR)
Hold time, RESPAR valid after RESCLK
↑
1
ns
NOTE 9: All output signals are generated on the rising edge of RESCLK. All input signals are sampled on the rising edge of RESCLK.
operating characteristics (see Note 9 and Figure 21)
UTOPIA interface
NO.
PARAMETER
MIN
MAX
UNIT
11
td(RESCLAV)
Delay time, RESCLK
↑ to RESCLAV↓
1
20
ns
12
td(RESPERR)1
Delay time, RESCLK
↑ to RESPERR↓
1
20
ns
13
td(RESPERR)2
Delay time, RESCLK
↑ to RESPERR↑
1
20
ns
NOTE 9. All output signals are generated on the rising edge of RESCLK. All input signals are sampled on the rising edge of RESCLK.
RESDATA7–
RESDATA0
(input)
RESEN
(input)
RESCLK
(input)
1
2
RESSOC
(input)
7
3
RESCLAV
(output)
Byte 1
Byte 2
Byte 3
Byte 49
Input
Ignored
Byte 50
Byte 48
Byte 51
11
If necessary
4
8
5
9
RESPAR
(input)
12
6
10
13
No Parity Error
RESPERR
(output)
Parity
Error
Figure 21. Reassembly-Cell Interface – PHY/ATM High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com