Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 4 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 4 Page - Texas Instruments

  TNETA1575 Datasheet HTML 1Page - Texas Instruments TNETA1575 Datasheet HTML 2Page - Texas Instruments TNETA1575 Datasheet HTML 3Page - Texas Instruments TNETA1575 Datasheet HTML 4Page - Texas Instruments TNETA1575 Datasheet HTML 5Page - Texas Instruments TNETA1575 Datasheet HTML 6Page - Texas Instruments TNETA1575 Datasheet HTML 7Page - Texas Instruments TNETA1575 Datasheet HTML 8Page - Texas Instruments TNETA1575 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
PCI-bus interface (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
PREQ
118
O
(CMOS)
PCI request. PREQ indicates to the arbiter that this agent desires use of the bus. Every master has
its own PREQ.
PRST
113
I
(TTL)
PCI reset. PRST forces the PCI sequence of each device to a known state.
PSB1–PSB0
110–111
O
(CMOS)
PCI sideband. PSB1–PSB0 lines define the size of the transfer when the TNETA1575 is the bus
master. The definitions of these signals are as follows:
00: 4-byte transfer
01: 16-byte transfer (except for receive-completion ring)
10: Payload transfer
11: Transfer to receive-completion ring (20-byte transfer)
PSB1–PSB0 are synchronous to the address phase of the bus-master operations by the TNETA1575.
The sideband signals do not change upon a bus retry after disconnect.
PSB2
187
I
(TTL)
PCI sideband 2. PSB2 is an indication from the host to the SAR that the host has read an entry from
the receive-completion ring without an interrupt. The SAR uses this signal to increment the
receive-completion-ring entry counter. Pulse duration is for one clock cycle synchronous to the PCI
clock. This input terminal has an internal 100-
µA pulldown active terminator. This is a 3.3-V tolerant
input signal. If it is driven by a 5-V signal, it must be connected to an external voltage divider
consisting of a 36-k
Ω down resistor and a 24-kΩ up resistor to ensure that the input is not driven
above 3.3 V.
PSB3
189
O
(CMOS)
PCI sideband 3. PSB3 is an indication from the SAR to the host that the SAR is reading an entry from
sideband-controlled free-buffer ring 1.
PSB3 is synchronous to the address phase of bus-master operations by the SAR.
PSB3 does not change upon a bus retry after disconnect. Pulse duration is for one clock cycle
synchronous to the PCI-address phase.
PSB4
190
I
(TTL)
PCI sideband 4. PSB4 is an indication from the host to the SAR that the host has written a new entry
into sideband-controlled free-buffer ring 1.
The SAR uses this signal to increment the sideband-controlled free-buffer ring-1 entry counter. Pulse
duration is for one clock cycle synchronous to the PCI clock. This input terminal has an internal
100-
µA pulldown active terminator. This is a 3.3-V tolerant input signal. If it is driven by a 5-V signal,
it must be connected to an external voltage divider consisting of a 36-k
Ω down resistor and a 24-kΩ
up resistor to ensure that the input is not driven above 3.3 V.
PSB5
191
O
(CMOS)
PCI sideband 5. PSB5 is an indication from the SAR to the host that the SAR is reading an entry from
sideband-controlled free-buffer ring 2.
PSB5 is synchronous to the address phase of bus-master operations by the SAR.
PSB5 does not change upon a bus retry after disconnect. Pulse duration is for one clock cycle
synchronous to the PCI-address phase.
PSB6
193
I
(TTL)
PCI sideband 6. PSB6 is an indication from the host to the SAR that the host has written a new entry
into sideband-controlled free-buffer ring 2. The SAR uses this signal to increment the
sideband-controlled free-buffer ring-2 entry counter. Pulse duration is for one clock cycle
synchronous to the PCI clock. This input terminal has an internal 100-
µA pulldown active terminator.
This is a 3.3-V tolerant input signal. If it is driven by a 5-V signal, it must be connected to an external
voltage divider consisting of a 36-k
Ω down resistor and a 24-kΩ up resistor to ensure that the input
is not driven above 3.3 V.
PSERR
154
I/O
(open
drain)
PCI system error. PSERR reports address-parity errors and data-parity errors on special-cycle
commands.
PSTOP
150
I/O
(3 state)
PCI stop. PSTOP indicates that the current target is requesting the master to stop the current
transaction.
PTRDY
148
I/O
(3 state)
PCI target ready. PTRDY indicates the target agent’s (selected device) ability to complete the current
data phase of the transaction. During a read, PTRDY indicates that valid data is present on
PAD31–PAD0. During a write, PTRDY indicates that the target is prepared to accept data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com